전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F413CG 데이터시트(PDF) 67 Page - STMicroelectronics

부품명 STM32F413CG
상세설명  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413CG 데이터시트(HTML) 67 Page - STMicroelectronics

Back Button STM32F413CG Datasheet HTML 63Page - STMicroelectronics STM32F413CG Datasheet HTML 64Page - STMicroelectronics STM32F413CG Datasheet HTML 65Page - STMicroelectronics STM32F413CG Datasheet HTML 66Page - STMicroelectronics STM32F413CG Datasheet HTML 67Page - STMicroelectronics STM32F413CG Datasheet HTML 68Page - STMicroelectronics STM32F413CG Datasheet HTML 69Page - STMicroelectronics STM32F413CG Datasheet HTML 70Page - STMicroelectronics STM32F413CG Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 207 page
background image
PC0
-
LPTIM1_
IN1
-
DFSDM2_C
KIN4
--
-
SAI1_MCL
K_B
--
-
-
-
-
-
EVENT
OUT
PC1
-
LPTIM1_
OUT
-
DFSDM2_D
ATIN4
-
-
-
SAI1_SD_B
-
-
-
-
-
-
-
EVENT
OUT
PC2
-
LPTIM1_I
N2
-
DFSDM2_D
ATIN7
-
SPI2_MISO I2S2ext_SD
SAI1_SCK_
B
DFSDM1_
CKOUT
-
-
-
FSMC_NWE
-
-
EVENT
OUT
PC3
-
LPTIM1_
ETR
-
DFSDM2_C
KIN7
-
SPI2_MOSI/
I2S2_SD
-
SAI1_FS_B
-
-
-
-
FSMC_A0
-
-
EVENT
OUT
PC4
-
-
-
DFSDM2_C
KIN2
-
I2S1_MCK
-
-
-
-
QUADSPI_
BK2_IO2
-FSMC_NE4
-
-
EVENT
OUT
PC5
-
-
-
DFSDM2_D
ATIN2
I2CFMP1
_SMBA
--
USART3_R
X
--
QUADSPI_
BK2_IO3
-
FSMC_NOE
-
-
EVENT
OUT
PC6
-
-
TIM3_
CH1
TIM8_CH1
I2CFMP1
_SCL
I2S2_MCK
DFSDM1_
CKIN3
DFSDM2_
DATIN6
USART6_
TX
-
FSMC_D1
-
SDIO_D6
-
-
EVENT
OUT
PC7
-
-
TIM3_
CH2
TIM8_CH2
I2CFMP1
_SDA
SPI2_SCK/
I2S2_CK
I2S3_MCK
DFSDM2_
CKIN6
USART6_
RX
-
DFSDM1_D
ATIN3
-
SDIO_D7
-
-
EVENT
OUT
PC8
-
-
TIM3_
CH3
TIM8_CH3
-
-
-
DFSDM2_
CKIN3
USART6_
CK
QUADSPI_
BK1_IO2
--
SDIO_D0
-
-
EVENT
OUT
PC9 MCO_2
-
TIM3_
CH4
TIM8_CH4
I2C3_
SDA
I2S2_CKIN
-
DFSDM2_
DATIN3
-
QUADSPI_
BK1_IO0
--
SDIO_D1
-
-
EVENT
OUT
PC10
-
-
-
DFSDM2_
CKIN5
--
SPI3_SCK/
I2S3_CK
USART3_
TX
-
QUADSPI_
BK1_IO1
--
SDIO_D2
-
-
EVENT
OUT
PC11
-
-
-
DFSDM2_
DATIN5
-
I2S3ext_SD SPI3_MISO
USART3_
RX
UART4_
RX
QUADSPI_
BK2_NCS
FSMC_D2
-
SDIO_D3
-
-
EVENT
OUT
PC12
-
-
-
-
-
-
SPI3_MOSI/
I2S3_SD
USART3_
CK
UART5_
TX
-
FSMC_D3
-
SDIO_CK
-
-
EVENT
OUT
PC13
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENT
OUT
PC14
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENT
OUT
PC15
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENT
OUT
Table 11. STM32F413xG/H alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13 AF14
AF15
SYS_
AF
TIM1/2/
LPTIM1
TIM3/4/5
DFSDM2/
TIM8/9/10/11
I2C1/2/3/
I2CFMP1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/I2S4
SPI2/I2S2/
SPI3/I2S3/
SPI4/I2S4/
SPI5/I2S5/
DFSDM1/2
SPI3/I2S3/
SAI1/
DFSDM2/
USART1/
USART2/
USART3
DFSDM1/
USART3/4/
5/6/7/8/
CAN1
I2C2/I2C3/
I2CFMP1/
CAN1/2/
TIM12/13/14/
QUADSPI
SAI1/
DFSDM1/
DFSDM2/
QUADSPI/
FSMC
/OTG1_FS
UART4/
UART5/
UART9/
UART10
/CAN3
FSMC /SDIO
-
RNG
SYS_
AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More