전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3557 데이터시트(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM3557
상세설명  Step-Up Converter for White LED Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3557 데이터시트(HTML) 7 Page - National Semiconductor (TI)

Back Button LM3557 Datasheet HTML 3Page - National Semiconductor (TI) LM3557 Datasheet HTML 4Page - National Semiconductor (TI) LM3557 Datasheet HTML 5Page - National Semiconductor (TI) LM3557 Datasheet HTML 6Page - National Semiconductor (TI) LM3557 Datasheet HTML 7Page - National Semiconductor (TI) LM3557 Datasheet HTML 8Page - National Semiconductor (TI) LM3557 Datasheet HTML 9Page - National Semiconductor (TI) LM3557 Datasheet HTML 10Page - National Semiconductor (TI) LM3557 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Application Information (Continued)
WHITE LED CURRENT SETTING
For backlighting applications, the white LED current is pro-
grammed by the careful choice of the R2 resistor.
Backlight:
V
En
≥ 0.9V
20131617
I
LED:
White LED Current.
V
Fb-Sw2: Feedback Voltage.
R2:
Resistor.
The feedback voltage is with respect to the voltage at the
Sw2 pin, not ground. For example, if the voltage on the Sw2
pin were 0.1V then the voltage at the Fb pin would be 0.61V
(typical).
ADJUSTING OVER-VOLTAGE PROTECTION
If the over-voltage protection (OVP) threshold is too low for a
particular application, a resistor divider circuit can be used to
adjust the OVP threshold of a given application. Instead of
having the Ovp pin connected to the output voltage, it can be
adjusted through a resistor divider circuit to only experience
a fraction of the output voltage magnitude. The resistor
divider circuit bias current should be at least 100 times
greater than the Ovp pin bias current. Using Figure 3, the
following equation can be used to adjust the output voltage:
20131618
V
OVP: OVP Voltage Threshold.
V
OUT: Maximum Output Voltage (<35V).
R3:
Resistor.
R4:
Resistor.
20131616
FIGURE 3. Programmable Output Voltage
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com