전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3557 데이터시트(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM3557
상세설명  Step-Up Converter for White LED Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3557 데이터시트(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3557 Datasheet HTML 3Page - National Semiconductor (TI) LM3557 Datasheet HTML 4Page - National Semiconductor (TI) LM3557 Datasheet HTML 5Page - National Semiconductor (TI) LM3557 Datasheet HTML 6Page - National Semiconductor (TI) LM3557 Datasheet HTML 7Page - National Semiconductor (TI) LM3557 Datasheet HTML 8Page - National Semiconductor (TI) LM3557 Datasheet HTML 9Page - National Semiconductor (TI) LM3557 Datasheet HTML 10Page - National Semiconductor (TI) LM3557 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Application Information (Continued)
junction capacitance magnitudes (C
J or CT or CD) are con-
ducive to high efficiency. The chosen diode must have a
reverse breakdown voltage rating (V
R and/or VRRM) that is
larger than the output voltage (V
OUT). No matter what type of
diode is chosen, Schottky or not, certain selection criteria
must be followed:
1.
V
R and VRRM > VOUT
2.
I
F or IO
≥ I
LOAD or IOUT
3.
I
FRM
≥ I
Lpeak
Some recommended diode manufacturers are as follows:
Vishay [www.vishay.com]
Diodes, Inc [www.diodes.com]
On Semiconductor [www.onsemi.com]
LAYOUT CONSIDERATIONS
All components, except for the white LEDs, must be placed
as close as possible to the LM3557. The die attach pad
(DAP) must be soldered to the ground plane.
The input capacitor, Cin, must be placed close to the
LM3557. Placing Cin close to the device will reduce the
metal trace resistance effect on input voltage ripple. The
feedback current setting resistor R2 must be placed close to
the Fb and Sw2 pins. The output capacitor, Cout, must be
placed close to the Ovp and Gnd pin connections. Trace
connections to the inductor should be short and wide to
reduce power dissipation, increase overall efficiency, and
reduce EMI radiation. The diode, like the inductor, should
have trace connections that are short and wide to reduce
power dissipation and increase overall efficiency. For more
details regarding layout guidelines for switching regulators
refer to Applications Note AN-1149.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com