| 전자부품 데이터시트 검색엔진 |
|
LAN89730 데이터시트(PDF) 66 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN89730 데이터시트(HTML) 66 Page - Microchip Technology |
|
66 / 218 page ![]() LAN89730 DS60001348A-page 66 2013-2015 Microchip Technology Inc. The Filter i Byte Mask defines which incoming frame bytes Filter i will examine to determine whether or not this is a Wakeup Frame. Table 4-48, describes the byte mask’s bit fields. Filter x Mask 0 corresponds to bits [31:0]. Where the lsb corresponds to the first byte on the wire. TABLE 4-47: WAKEUP FRAME FILTER REGISTER STRUCTURE Filter 0 Byte Mask 0 Filter 0 Byte Mask 1 Filter 0 Byte Mask 2 Filter 0 Byte Mask 3 Filter 1 Byte Mask 0 Filter 1 Byte Mask 1 Filter 1 Byte Mask 2 Filter 1 Byte Mask 3 Filter 2 Byte Mask 0 Filter 2 Byte Mask 1 Filter 2 Byte Mask 2 Filter 2 Byte Mask 3 Filter 3 Byte Mask 0 Filter 3 Byte Mask 1 Filter 3 Byte Mask 2 Filter 3 Byte Mask 3 Filter 4 Byte Mask 0 Filter 4 Byte Mask 1 Filter 4 Byte Mask 2 Filter 4 Byte Mask 3 Filter 5 Byte Mask 0 Filter 5 Byte Mask 1 Filter 5 Byte Mask 2 Filter 5 Byte Mask 3 Filter 6 Byte Mask 0 Filter 6 Byte Mask 1 Filter 6 Byte Mask 2 Filter 6 Byte Mask 3 Filter 7 Byte Mask 0 Filter 7 Byte Mask 1 Filter 7 Byte Mask 2 Filter 7 Byte Mask 3 Reserved Filter 3 Command Reserved Filter 2 Command Reserved Filter 1 Command Reserved Filter 0 Command Reserved Filter 7 Command Reserved Filter 6 Command Reserved Filter 5 Command Reserved Filter 4 Command Filter 3 Offset Filter 2 Offset Filter 1Offset Filter 0 Offset Filter 7 Offset Filter 6 Offset Filter 5 Offset Filter 4 Offset Filter 1 CRC-16 Filter 0 CRC-16 Filter 3 CRC-16 Filter 2 CRC-16 Filter 5 CRC-16 Filter 4 CRC-16 Filter 7 CRC-16 Filter 6 CRC-16 |