전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IDT72V3653 데이터시트(PDF) 26 Page - Integrated Device Technology

부품명 IDT72V3653
상세설명  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3653 데이터시트(HTML) 26 Page - Integrated Device Technology

Back Button IDT72V3653_16 Datasheet HTML 22Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 23Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 24Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 25Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 26Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 27Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 28Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 29Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 30Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
26
COMMERCIALTEMPERATURERANGE
IDT72V3653/72V3663/72V3673 3.3V CMOS SyncFIFOTM WITH
BUS-MATCHING 2,048 x 36, 4,096 x 36, and 8,192 x 36
Figure 18. Timing for Mail2 Register and MBF2
MBF2
MBF2
MBF2
MBF2 Flag (IDT Standard and FWFT Modes)
NOTE:
1. If Port B is configured for word size, data can be written to the Mail2 Register using B0-B17 (B18-B35 are don't care inputs). In this first case A0-A17 will have valid data (A18-A35 will
be indeterminate). If Port B is configured for byte size, data can be written to the Mail2 Register using B0-B8 (B9-B35 are don't care inputs). In this second case, A0-A8 will have valid
data (A9-A35 will be indeterminate).
4662 drw20
CLKB
ENB
B0-B35
MBB
CSB
W/RB
CLKA
MBF2
CSA
MBA
ENA
A0-A35
W/
RA
tENS1
tENH
tDS
tDH
tENS2
tENH
tDIS
tEN
tMDV
tPMR
FIFO Output Register
W1 (Remains valid in Mail2 Register after read)
tENS1
tENH
tENS2
tENH
tENS2
tENH
tPMF
tPMF
W1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com