전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCTL2000 데이터시트(PDF) 7 Page - Agilent(Hewlett-Packard)

부품명 HCTL2000
상세설명  Quadrature Decoder/Counter Interface ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCTL2000 데이터시트(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCTL2000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Digital Noise Filter
The digital noise filter section is
responsible for rejecting noise on
the incoming quadrature signals.
The input section uses two
techniques to implement
improved noise rejection.
Schmitt-trigger inputs and a
three-clock-cycle delay filter
combine to reject low level noise
and large, short duration noise
spikes that typically occur in
motor system applications. Both
common mode and differential
mode noise are rejected. The user
benefits from these techniques by
improved integrity of the data in
input is tested for a stable level
being present for three
consecutive rising clock edges.
Therefore, the filtered output
waveforms can change only after
an input level has the same value
for three consecutive rising clock
edges. Refer to Figure 8 which
shows the timing diagram. The
result of this circuitry is that
short noise spikes between rising
clock edges are ignored and
pulses shorter than two clock
periods are rejected.
the counter. False counts
triggered by noise are avoided.
Figure 7 shows the simplified
schematic of the input section.
The signals are first passed
through a Schmitt trigger buffer
to address the problem of input
signals with slow rise times and
low level noise (approximately
< 1 V). The cleaned up signals
are then passed to a four-bit
delay filter. The signals on each
channel are sampled on rising
clock edges. A time history of the
signals is stored in the four-bit
shift register. Any change on the
Figure 6. Simplified Logic Diagram.
Operation
A block diagram of the HCTL-
20XX family is shown in Figure 6.
The operation of each major
function is described in the
following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com