전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DF14-2628SCF 데이터시트(PDF) 4 Page - Hirose Electric

부품명 DF14-2628SCF
상세설명  1.25mm Pitch Super Low profile Crimping Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HIROSE [Hirose Electric]
홈페이지  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF14-2628SCF 데이터시트(HTML) 4 Page - Hirose Electric

  DF14-2628SCF Datasheet HTML 1Page - Hirose Electric DF14-2628SCF Datasheet HTML 2Page - Hirose Electric DF14-2628SCF Datasheet HTML 3Page - Hirose Electric DF14-2628SCF Datasheet HTML 4Page - Hirose Electric DF14-2628SCF Datasheet HTML 5Page - Hirose Electric DF14-2628SCF Datasheet HTML 6Page - Hirose Electric DF14-2628SCF Datasheet HTML 7Page - Hirose Electric DF14-2628SCF Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
B237
DF14 Seriesq1.25mm Pitch Super Low profile Crimping Connector
With boss
Without boss
Part Number
CL No.
Part Number
CL No.
AB
C
D
DF14- 2P-1.25H(**)
538-0021-4-**
DF14A- 2P-1.25H(**)
538-0033-3-**
2
7.45
1.25
6.45
8.05
66
DF14- 3P-1.25H(**)
538-0022-7-**
DF14A- 3P-1.25H(**)
538-0034-6-**
3
8.70
2.50
7.70
9.30
56
DF14- 4P-1.25H(**)
538-0023-0-**
DF14A- 4P-1.25H(**)
538-0035-9-**
4
9.95
3.75
8.95
10.55
49
DF14- 5P-1.25H(**)
538-0024-2-**
DF14A- 5P-1.25H(**)
538-0036-1-**
5
11.20
5.00
10.20
11.80
44
DF14- 6P-1.25H(**)
538-0025-5-**
DF14A- 6P-1.25H(**)
538-0037-4-**
6
12.45
6.25
11.45
13.05
39
DF14- 7P-1.25H(**)
538-0026-8-**
DF14A- 7P-1.25H(**)
538-0038-7-**
7
13.70
7.50
12.70
14.30
36
DF14- 8P-1.25H(**)
538-0027-0-**
DF14A- 8P-1.25H(**)
538-0039-0-**
8
14.95
8.75
13.95
15.55
32
DF14- 9P-1.25H(**)
538-0028-3-**
DF14A- 9P-1.25H(**)
538-0040-9-**
9
16.20
10.00
15.20
16.80
30
DF14-10P-1.25H(**)
538-0029-6-**
DF14A-10P-1.25H(**)
538-0041-1-**
10
17.45
11.25
16.45
18.05
28
DF14-15P-1.25H(**)
538-0084-4-**
DF14A-15P-1.25H(**)
538-0114-3-**
15
23.70
17.50
22.70
24.30
20
DF14-20P-1.25H(**)
538-0089-8-**
DF14A-20P-1.25H(**)
538-0119-7-**
20
29.95
23.75
28.95
30.55
16
DF14-25P-1.25H(**)
538-0094-8-**
DF14A-25P-1.25H(**)
538-0124-7-**
25
36.20
30.00
35.20
36.80
13
DF14-30P-1.25H(**)
538-0020-1-**
DF14A-30P-1.25H(**)
538-0045-2-**
30
42.45
36.25
41.45
43.05
11
Note 1.Please order the tube packaging product, multiplying the packaging quantity (pcs.).
Note 2.Please order the embossed tape packaging product according to reel number. (1000 pcs./reel)
Unit: mm
[Specific No.]–**,(**)
(25): Tin-copper plated tube packaging
(26): Tin-copper plated embossed tape packaging
(55): Gold plated tube packaging
(56): Gold plated embossed tape packaging
BPCB mounting pattern
BTube Packaging Dimensions
sRight Angle Pin Header (SMT)
Note 1."Without boss" indicates the style with no boss.
Note 2."Without boss" indicates that no hole is needed.
Tube
Packaging
Quantity
Number
of
Contacts
RoHS
Yes
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8