전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si511 데이터시트(PDF) 13 Page - Silicon Laboratories

부품명 Si511
상세설명  2 to 4 week lead times
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si511 데이터시트(HTML) 13 Page - Silicon Laboratories

Back Button Si511 Datasheet HTML 9Page - Silicon Laboratories Si511 Datasheet HTML 10Page - Silicon Laboratories Si511 Datasheet HTML 11Page - Silicon Laboratories Si511 Datasheet HTML 12Page - Silicon Laboratories Si511 Datasheet HTML 13Page - Silicon Laboratories Si511 Datasheet HTML 14Page - Silicon Laboratories Si511 Datasheet HTML 15Page - Silicon Laboratories Si511 Datasheet HTML 16Page - Silicon Laboratories Si511 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Si510/511
Rev. 1.2
13
2.1. Dual CMOS Buffer
Dual CMOS output format ordering options support either complementary or in-phase output signals. This feature
enables replacement of multiple XOs with a single Si510/11 device.
Figure 1. Integrated 1:2 CMOS Buffer Supports Complementary or In-Phase Outputs
~
~
Complementary
Outputs
In-Phase
Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26