| 전자부품 데이터시트 검색엔진 |
|
UU97950G-P48-R 데이터시트(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UU97950G-P48-R 데이터시트(HTML) 5 Page - Unisonic Technologies |
|
5 / 14 page ![]() UU97950 Advance CMOS IC UNISONICTECHNOLOGIESCO.,LTD 5 of 14 www.unisonic.com.tw QW-R125-048.a FUNCTION DESCRIPTIONS Command /Data transfer method This device is controlled by 2wire serial signal (SDA,SCL) Stop condition SDA SCL Start condition It has to generate the condition such as Start condition and Stop condition in 2 wire serial interface transfer method. Method of how to transfer command and data is shown as follows. 1. Generate “start condition” 2. Issue Slave address 3. Transfer command and display data Acknowledge Data format is 8bits and return Acknowledge after transfer 8bits data. When SCL 8 th=’L’ after transfer 8bit data (Slave Address, Command, Display Data), output open SDA line. When SCL 9 th=’L’ , stop output function. If no need Acknowledge function, Please input ’L’ level from SCL 8th=’L’ to SCL 9th=’L’ |