전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LEBG3W 데이터시트(PDF) 14 Page - OSRAM GmbH

부품명 LEBG3W
상세설명  Lead (Pb) Free Product - RoHS Compliant
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBG3W 데이터시트(HTML) 14 Page - OSRAM GmbH

Back Button LEBG3W Datasheet HTML 10Page - OSRAM GmbH LEBG3W Datasheet HTML 11Page - OSRAM GmbH LEBG3W Datasheet HTML 12Page - OSRAM GmbH LEBG3W Datasheet HTML 13Page - OSRAM GmbH LEBG3W Datasheet HTML 14Page - OSRAM GmbH LEBG3W Datasheet HTML 15Page - OSRAM GmbH LEBG3W Datasheet HTML 16Page - OSRAM GmbH LEBG3W Datasheet HTML 17Page - OSRAM GmbH LEBG3W Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
2010-03-03
14
LE A G3W, LE T G3W, LE B G3W
Maßzeichnung
7) Seite 19
Package Outlines
7) page 19
Verwendeter Stecker / Used male connector on board:
JST SM10B-SRSS-TB (www.jst.com)
Empfohlene Gegenstecker /
JST SHR-10V-S (www.jst.com)
Recommended female connector for power supply:
JST SHR-10V-S-B (www.jst.com)
Kontakt - Pins:
SSH-003T-P0.2 (www.jst.com)
Korrosionsfestigkeit besser als EN 60068-2-60 (method 4):
mit erweitertem Korrosionstest: 40°C / 90%rh / 15ppm H2S / 336h
Corrosion robustness better than EN 60068-2-60 (method 4):
with enhanced corrosion test: 40°C / 90%rh / 15ppm H2S / 336h
Gewicht / Approx. weight:
5.3 mg
Chip-Position:
LE A G3W
1-6: amber
LE T G3W
1-6: true green
LE B G3W
1-6: blue
Pin-Assignment:
1:
Anode; Chip 1, 2
2:
Cathode; Chip 1, 2
3:
Anode; Chip 5, 6
4:
Cathode; Chip 5, 6
5:
Anode; Chip 4
6:
Cathode; Chip 4
7:
NTC
8:
NTC
9:
Anode; Chip 3
10:
Cathode; Chip 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com