전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LEBG3W 데이터시트(PDF) 15 Page - OSRAM GmbH

부품명 LEBG3W
상세설명  Lead (Pb) Free Product - RoHS Compliant
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBG3W 데이터시트(HTML) 15 Page - OSRAM GmbH

Back Button LEBG3W Datasheet HTML 11Page - OSRAM GmbH LEBG3W Datasheet HTML 12Page - OSRAM GmbH LEBG3W Datasheet HTML 13Page - OSRAM GmbH LEBG3W Datasheet HTML 14Page - OSRAM GmbH LEBG3W Datasheet HTML 15Page - OSRAM GmbH LEBG3W Datasheet HTML 16Page - OSRAM GmbH LEBG3W Datasheet HTML 17Page - OSRAM GmbH LEBG3W Datasheet HTML 18Page - OSRAM GmbH LEBG3W Datasheet HTML 19Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
LE A G3W, LE T G3W, LE B G3W
2010-03-03
15
Connecting and disconnecting OSRAM OS Ostar Projection modules
When connecting or disconnecting an Ostar Projection module care has to be taken in order to prevent
a damage of the module. The module is equipped with a male connector socket (JST SM 10B-SR
SS-TB). As a female connector for power supply a JST SHR-10V-S (without protrusions) or a JST
SHR-10V-S-B (with protrusions) with SSH-003T-P0.2 pins is recommended.
When disconnecting the connector the applied pull force must not exceed 17 N * (footnote * A force of
17 N can only be applied dynamically during disconnecting. No constant force must be applied to the
connector.) Disconnection of the module during operation or at high temperatures can damage the
module. The board temperature must not exceed 40°C during disconnection. During mating operation,
mate connectors while holding wires in a bundle on the same axis to the mating axis. For unmating wires
must be held in a bundle within 20 degrees to the mating axis (see Fig. for explanation).
OHO03020
PCB
Connector
PCB
Connector
Wire
20˚
20˚
20˚
Wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com