전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL321 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TL321
상세설명  OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL321 데이터시트(HTML) 1 Page - Texas Instruments

  TL321 Datasheet HTML 1Page - Texas Instruments TL321 Datasheet HTML 2Page - Texas Instruments TL321 Datasheet HTML 3Page - Texas Instruments TL321 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TL321C, TL321I
OPERATIONAL AMPLIFIERS
SLOS085 – D2343, APRIL 1977 – REVISED OCTOBER 1990
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1990, Texas Instruments Incorporated
1
PRODUCTION DATA documents contain information current as of
publication date. Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not necessarily
include testing of all parameters.
• Wide Range of Single Supply
Voltages ...3V to 30 V or Dual Supplies
• Low Supply Current Independent of Supply
Voltage . . . 0.8 mA Typ
• Common-Mode Input Voltage Range
Includes Ground Allowing Direct Sensing
Near Ground
• Low Input Bias and Offset Parameters
– Input Offset Voltage ...2 mV Typ
– Input Offset Current...3 nA Typ
(TL321I)
– Input BIas Current...45 nA Typ
• Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage . . .
±32 V
• Open-Loop Differential Voltage
Amplification . . . 100 V/mV Typ
• Internal Frequency Compensation
description
The TL321 is a high-gain, frequency-compensated operational amplifier that is designed specifically to operate
from a single supply over a wide range of voltages. Operation from split supplies is also possible as long as the
difference between the two supplies is 3 V to 30 V and pin 7 is at least 1.5 V more positive than the input
common-mode voltage. The low supply current is independent of the magnitude of the supply voltage.
Applications include transducer amplifiers, dc amplification blocks, and
all the conventional operational
amplifier circuits that now can be more easily implemented in single-supply-voltage systems. For example, the
TL321 can be operated directly off of the standard 5-V supply that is used in digital systems and will easily
provide the required interface electronics without requiring additional
±15-V supplies.
The TL321C is characterized for operation from 0
°C to 70°C. The TL321I is characterized for operation from
–25
°C to 85°C.
1
2
3
4
8
7
6
5
NC
IN –
IN +
GND
NC
VCC
OUT
NC
TTL321C, TL321I ...D OR P PACKAGE
(TOP VIEW)
NC – No internal connection
symbol
PACKAGE
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
TA
0
°C to 70°C
TL321CD
TL321CP
AVAILABLE OPTIONS
VIO MAX
at 25
°C
7 mV
–25
°C to 85°C5 mV
TL321ID
TL321IP
The D packages are available taped and reeled. Add the suffix R to
the device type, (e.g., TL321CDR).
IN+
IN–
OUT
+
–


유사한 부품 번호 - TL321

제조업체부품명데이터시트상세설명
logo
E-SWITCH
TL3210AF160BQ E-SWITCH-TL3210AF160BQ Datasheet
232Kb / 1P
ALL DIMENSIONS IN MM [INCH]
logo
Telink
TL3215CE10T48R TELINK-TL3215CE10T48R Datasheet
6Mb / 432P
Datasheet for Telink Multi-Standard Wireless SoC TL321x
Ver 0.8.2
TL3218BE10T52R TELINK-TL3218BE10T52R Datasheet
6Mb / 432P
Datasheet for Telink Multi-Standard Wireless SoC TL321x
Ver 0.8.2
TL3218EE10T32R TELINK-TL3218EE10T32R Datasheet
6Mb / 432P
Datasheet for Telink Multi-Standard Wireless SoC TL321x
Ver 0.8.2
TL3218FE10T28R TELINK-TL3218FE10T28R Datasheet
6Mb / 432P
Datasheet for Telink Multi-Standard Wireless SoC TL321x
Ver 0.8.2
More results

유사한 설명 - TL321

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
Operational Amplifiers
LM108 NSC-LM108 Datasheet
289Kb / 10P
Operational Amplifiers
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
Operational Amplifiers
REV. D
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
UM605B UTC-UM605B_15 Datasheet
173Kb / 5P
OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
Operational Amplifiers
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
Operational Amplifiers
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com