전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL321 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TL321
상세설명  OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL321 데이터시트(HTML) 3 Page - Texas Instruments

  TL321 Datasheet HTML 1Page - Texas Instruments TL321 Datasheet HTML 2Page - Texas Instruments TL321 Datasheet HTML 3Page - Texas Instruments TL321 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PARAMETER
TEST CONDITIONS†
UNIT
VIO
Input offset voltage
mV
IIO
Input offset current
VO = 1.4 V
nA
IIB
Input bias current
VO = 1.4 V
nA
VCC = 5 V to 30 V
V
VICR
Common-mode input voltage
range
Full range
25
°C
25
100
50
100
15
25
IO
Output current
mA
25
°C
25
°C
Full range
Full range
–20
– 40
–25
– 40
–20
–10
– 20
–10
20
10
20
10
58
5
8
ICC
Supply current
mA
TL321C, TL321I
OPERATIONAL AMPLIFIERS
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
3
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
TL321C
TL321I
MIN
TYP
MAX
MIN
TYP
MAX
VIC = VICR min,
VCC = 5 V to 30 V,
25
°C
2
7
2
5
VO = 1.4 V,
RS = 50 kΩ
Full range
9
7
25
°C
5
50
3
30
Full range
150
100
25
°C
–45
– 250
–45
– 150
Full range
– 500
– 300
25
°C
0 to
VCC –1.5
0 to
VCC –1.5
Full range
0 to
VCC –1.5
0 to
VCC –1.5
VCC = 30 V,
RL = 2 kΩ
Full range
26
26
VOH
High-level output voltage
VCC = 30 V,
RL ≥ 10 kΩ
Full range
27
28
27
28
V
RL ≥ 2 kΩ
25
°C
3.5
3.5
VOL
Low-level output voltage
RL ≥ 10 kΩ
Full range
5
20
5
20
mV
AVD
Large-signal differential
voltage amplification
VCC = 15 V,
VO = 1 V to 11 V,
RL = 2 kΩ
V/mV
CMRR
Common-mode rejection ratio
VIC = VICR min,
RS = 50 kΩ
25
°C
65
85
70
85
dB
kSVR
Supply voltage rejection ratio
(
∆VCC/∆VIO)
VCC = 5 V to 30 V,
RS = 50 kΩ
25
°C
65
100
65
100
dB
Source
VCC = 15 V.
VID = 1 V,
VO = 0
Sink
VCC = 15 V.
VID = – 1 V,
VO = 15 V
VID = – 1 V,
VO = 200 V
25
°C
12
50
12
50
µA
No load,
VO = 15 V,
VCC = 30 V
Full range
2
2
No load,
VO = 2.5 V,
VCC = 5 V
Full range
1
0.4
1
† All characteristics are measured under open-loop conditions with zero common-mode voltage unless otherwise specified. Full range is 0
°C to
70
°C for TL321C and –25°C to 85°C for TL321I.



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com