전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PHT-RB1X0SD30S0ALS0Z 데이터시트(PDF) 2 Page - SICK AG

부품명 PHT-RB1X0SD30S0ALS0Z
상세설명  PRESSURE SENSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

PHT-RB1X0SD30S0ALS0Z 데이터시트(HTML) 2 Page - SICK AG

  PHT-RB1X0SD30S0ALS0Z Datasheet HTML 1Page - SICK AG PHT-RB1X0SD30S0ALS0Z Datasheet HTML 2Page - SICK AG PHT-RB1X0SD30S0ALS0Z Datasheet HTML 3Page - SICK AG PHT-RB1X0SD30S0ALS0Z Datasheet HTML 4Page - SICK AG PHT-RB1X0SD30S0ALS0Z Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PHT-RB1X0SD30S0ALS0Z | PHT
PRESSURE SENSORS
Illustration may differ
Ordering information
Type
Part no.
PHT-RB1X0SD30S0ALS0Z
6039356
Other models and accessories
www.sick.com/PHT
Detailed technical data
Features
Medium
Liquid, gaseous
Pressure type
Gauge pressure
Measuring range
0 bar ... 1 bar
Process temperature
–20 °C ... +150 °C
Output signal
4 mA ... 20 mA
EHEDG approval
Performance
Non-linearity
≤ ± 0.2 %, of span (Best Fit Straight Line, BFSL) according to IEC 61298-2
Accuracy
≤ ± 0.5 % of the span optional 0.25 % of span (adjusted in vertical mounting position with low-
er pressure connection)
Non-repeatability
≤ ± 0.1 % of the span
Response time (10 % ... 90 %)
≤ 10 ms
Long-term drift/one-year stability
≤ 0.2 % of the span
Temperature coefficient in rated tempera-
ture range
Mean TC of zero: ≤ 0.2% of span / 10 K for measuring ranges 0 bar ... 0.6 bar up to 0 bar ...
25 bar, Mean TC of zero: ≤ 0.25 % of span/ 10 K with pressure range 0 bar ... 0.4 bar≤ 0.25 %
of span/ 10 K, with pressure range 0 bar ... 0.4 bar, Mean TC of zero: ≤ 0.4% of span / 10 K
for measuring range 0 bar ... 0.25 bar, Mean TC of span ≤ 0.2 % of span / 10 K
Rated temperature range
0 °C ... +80 °C
Mechanics/electronics
Process connection
Clamp (DIN 32676) DN 32
Wetted parts
Stainless steel 1.4435
Internal transmission fluid
Synthetic oil, FDA approved
Housing material
Stainless steel 1.4571
Electrical connection
L-connector (DIN EN 175301-803 A), IP 65
Supply voltage
10 V DC ... 30 V DC
14 V DC ... 30 V DC with output signal 0 V ... 10 V
2
FLUID SENSORS | SICK
Online data sheet | 2017-01-30 18:33:08
Subject to change without notice



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com