전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PHT-RB1X0SD30S0ALS0Z 데이터시트(PDF) 3 Page - SICK AG

부품명 PHT-RB1X0SD30S0ALS0Z
상세설명  PRESSURE SENSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

PHT-RB1X0SD30S0ALS0Z 데이터시트(HTML) 3 Page - SICK AG

  PHT-RB1X0SD30S0ALS0Z Datasheet HTML 1Page - SICK AG PHT-RB1X0SD30S0ALS0Z Datasheet HTML 2Page - SICK AG PHT-RB1X0SD30S0ALS0Z Datasheet HTML 3Page - SICK AG PHT-RB1X0SD30S0ALS0Z Datasheet HTML 4Page - SICK AG PHT-RB1X0SD30S0ALS0Z Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PHT-RB1X0SD30S0ALS0Z | PHT
PRESSURE SENSORS
11 V DC ... 30 V DC with output signal 4 mA ... 20 mA and field housing
Electrical safety
Overvoltage protection: 36 V DC
Short-circuit protection: QA towards M
Reverse polarity protection: L+ to M
Protection class: III
Dielectric strength
500 V DC, NEC Class 02 power supply (low voltage and low current max. 100 VA even in the
event of a fault)
CE-conformity
EMC directive: 2004/108/EC, EN 61326-2-3
Weight sensor
Approx. 500 g
Seal
Without seal
Enclosure rating
IP 65
Protection class III
Ambient data
Ambient temperature
–20 °C ... +80 °C
Storage temperature
–40 °C ... +100 °C
Shock load
500 g according to IEC 60068-2-27 (mechanical shock)
Vibration load
15 g according to IEC 60068-2-6 (vibration under resonance)
Classifications
ECl@ss 5.0
27200614
ECl@ss 5.1.4
27200614
ECl@ss 6.0
27200614
ECl@ss 6.2
27200614
ECl@ss 7.0
27200614
ECl@ss 8.0
27200614
ECl@ss 8.1
27200614
ECl@ss 9.0
27200614
ETIM 5.0
EC002476
ETIM 6.0
EC002476
UNSPSC 16.0901
41112410
2017-01-30 18:33:08 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
3



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com