| 전자부품 데이터시트 검색엔진 |
|
18F452 데이터시트(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
18F452 데이터시트(HTML) 25 Page - Microchip Technology |
|
25 / 332 page ![]() 2002 Microchip Technology Inc. DS39564B-page 23 PIC18FXX2 If the main oscillator is configured for HS-PLL mode, an oscillator start-up time (TOST) plus an additional PLL time-out (TPLL) will occur. The PLL time-out is typically 2 ms and allows the PLL to lock to the main oscillator frequency. A timing diagram indicating the transition from the Timer1 oscillator to the main oscillator for HS-PLL mode is shown in Figure 2-10. FIGURE 2-10: TIMING FOR TRANSITION BETWEEN TIMER1 AND OSC1 (HS WITH PLL) If the main oscillator is configured in the RC, RCIO, EC or ECIO modes, there is no oscillator start-up time-out. Operation will resume after eight cycles of the main oscillator have been counted. A timing diagram, indi- cating the transition from the Timer1 oscillator to the main oscillator for RC, RCIO, EC and ECIO modes, is shown in Figure 2-11. FIGURE 2-11: TIMING FOR TRANSITION BETWEEN TIMER1 AND OSC1 (RC, EC) Q4 Q1 Q1 Q2 Q3 Q4 Q1 Q2 OSC1 Internal System SCS (OSCCON<0>) Program Counter PC PC + 2 Note 1: TOST = 1024 TOSC (drawing not to scale). T1OSI Clock TOST Q3 PC + 4 TPLL TOSC TT1P TSCS Q4 OSC2 PLL Clock Input 1 2 3 4 56 78 Q3 Q4 Q1 Q1 Q2 Q3 Q4 Q1 Q2 Q3 OSC1 Internal System SCS (OSCCON<0>) Program Counter PC PC + 2 Note 1: RC Oscillator mode assumed. PC + 4 T1OSI Clock OSC2 Q4 TT1P TOSC TSCS 1 23 45 6 78 |