| 전자부품 데이터시트 검색엔진 |
|
18F452 데이터시트(PDF) 103 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
18F452 데이터시트(HTML) 103 Page - Microchip Technology |
|
103 / 332 page ![]() 2002 Microchip Technology Inc. DS39564B-page 101 PIC18FXX2 FIGURE 9-12: PARALLEL SLAVE PORT READ WAVEFORMS TABLE 9-11: REGISTERS ASSOCIATED WITH PARALLEL SLAVE PORT Q1 Q2 Q3 Q4 CS Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 WR IBF PSPIF RD OBF PORTD<7:0> Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on All Other RESETS PORTD Port Data Latch when written; Port pins when read xxxx xxxx uuuu uuuu LATD LATD Data Output bits xxxx xxxx uuuu uuuu TRISD PORTD Data Direction bits 1111 1111 1111 1111 PORTE — — — — — RE2 RE1 RE0 ---- -000 ---- -000 LATE — — — — — LATE Data Output bits ---- -xxx ---- -uuu TRISE IBF OBF IBOV PSPMODE — PORTE Data Direction bits 0000 -111 0000 -111 INTCON GIE/ GIEH PEIE/ GIEL TMR0IF INT0IE RBIE TMR0IF INT0IF RBIF 0000 000x 0000 000u PIR1 PSPIF ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 0000 0000 0000 0000 PIE1 PSPIE ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 0000 0000 0000 0000 IPR1 PSPIP ADIP RCIP TXIP SSPIP CCP1IP TMR2IP TMR1IP 0000 0000 0000 0000 ADCON1 ADFM ADCS2 — — PCFG3 PCFG2 PCFG1 PCFG0 00-- 0000 00-- 0000 Legend: x = unknown, u = unchanged, - = unimplemented, read as '0'. Shaded cells are not used by the Parallel Slave Port. |