| 전자부품 데이터시트 검색엔진 |
|
MB90F438LSPF 데이터시트(PDF) 4 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F438LSPF 데이터시트(HTML) 4 Page - Cypress Semiconductor |
|
4 / 61 page ![]() MB90435 Series DS07-13727-2E 3 (Continued) •UART 1 With full-duplex double buffer (8-bit length) Clock asynchronized or clock synchronized serial (extended I/O serial) can be used. • External interrupt circuit (8 channels) A module for starting an extended intelligent I/O service (EI2OS) and generating an external interrupt which is triggered by an external input. • Delayed interrupt generation module Generates an interrupt request for switching tasks. • 8/10-bit A/D converter (8 channels) 8/10-bit resolution can be selectively used. Starting by an external trigger input. Conversion time : 26.3 µs • External bus interface : Maximum address space 16 Mbytes • Package: QFP-100, LQFP-100 |