전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UG-194 데이터시트(PDF) 4 Page - Analog Devices

부품명 UG-194
상세설명  Evaluation Board for the ADE7953 Single Phase Energy Metering IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

UG-194 데이터시트(HTML) 4 Page - Analog Devices

  UG-194 Datasheet HTML 1Page - Analog Devices UG-194 Datasheet HTML 2Page - Analog Devices UG-194 Datasheet HTML 3Page - Analog Devices UG-194 Datasheet HTML 4Page - Analog Devices UG-194 Datasheet HTML 5Page - Analog Devices UG-194 Datasheet HTML 6Page - Analog Devices UG-194 Datasheet HTML 7Page - Analog Devices UG-194 Datasheet HTML 8Page - Analog Devices UG-194 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
UG-194
Evaluation Board User Guide
Rev. A | Page 4 of 20
Jumper
Option
Description
JP5B
Closed
(default)
Disables the antialiasing filter (composed of R11 and C13) in the IBP signal path.
Open
Enables the antialiasing filter (composed of R11 and C13) in the IBP signal path.
JP6A
Closed
(default)
Disables the antialiasing filter (composed of R10 and C12) in the IAN signal path.
Open
Enables the antialiasing filter (composed of R10 and C12) in the IAN signal path.
JP6B
Closed
(default)
Disables the antialiasing filter (composed of R12 and C14) in the IBN signal path.
Open
Enables the antialiasing filter (composed of R12 and C14) in the IBN signal path.
JP7A
Closed
Connects Pin 1 of the Channel V pin connector (P4) to AGND. Use this configuration in conjunction with JP8A
closed to connect the VP pin of the ADE7953 to AGND via 1 kΩ Resistor R15.
Open
(default)
Pin 1 of the Channel V pin connector (P4) is left floating. Use this configuration in normal operation to drive VP
with analog signal.
JP8A
Closed
Disables the 1000:1 attenuator network (composed of R13, R14, R15, and R17) when JP8B is open. Use this
configuration when using a low voltage signal source on the voltage channel.
Open
(default)
Enables the 1000:1 attenuator network (composed of R13, R14, R15, and R17) when JP8B is closed. Use this
configuration when using a high voltage signal source on the voltage channel.
JP8B
Closed
(default)
Enables the 1000:1 attenuator network (composed of R13, R14, R15, and R17) when JP8A is open. Use this
configuration when using a high voltage signal source on the voltage channel.
Open
Disables the 1000:1 attenuator network (composed of R13, R14, R15, and R17) when JP8A is closed. Use this
configuration when using a low voltage signal source on the voltage channel.
JP9A
Closed
(default)
Connects Pin 2 of the Channel V pin connector (P4) to AGND. Use this configuration to connect the VN pin of the
ADE7953 to AGND via 1 kΩ Resistor R16, which should be done when normal single-ended signals are connected
to the ADE7953 voltage channel.
Open
Pin 2 of the Channel V pin connector (P4) is left floating. Use this configuration to drive VN with a differential signal.
JP11
Closed
Connects the ADR280 voltage reference to the REF pin of the ADE7953. Use this configuration when the ADE7953
is configured to use an external reference.
Open
(default)
Disconnects the ADR280 voltage reference from the REF pin of the ADE7953. Use this configuration in normal
operation when the ADE7953 is configured to use the internal reference.
JP13
1, 2
(default)
Connects Pin 1 of the on-board 3.579545 MHz Crystal Y1 to the CLKIN pin of the ADE7953. Use this configuration
when External Crystal Y1 is used as the clock source for the ADE7953.
2, 3
Disconnects Pin 1 of the on-board 3.579545 MHz Crystal Y1 from the CLKIN pin of the ADE7953. Use this configu-
ration when an external clock is used. This clock can be connected to Pin 6 of 16×1 Header P5.
JP15
Closed
(default)
Connects the externally applied 3.3 V power to ADuM1401 Isolator U2. Use this configuration in normal operation
when communicating with the ADE7953 via the interface board.
Open
Disconnects the externally applied 3.3 V power to ADuM1401 Isolator U2. Use this configuration when isolation
and/or communication is not required with the ADE7953.
JP16
Closed
(default)
Connects the externally applied 3.3 V power to ADuM1401 Isolator U3. Use this configuration in normal operation
when communicating with the ADE7953 via the interface board.
Open
Disconnects the externally applied 3.3 V power to ADuM1401 Isolator U3. Use this configuration when isolation
and/or communication is not required with the ADE7953.
JP17
Closed
(default)
Connects the externally applied 3.3 V power to ADuM1401 Isolator U4. Use this configuration in normal operation
when communicating with the ADE7953 via the interface board.
Open
Disconnects the externally applied 3.3 V power to ADuM1401 Isolator U4. Use this configuration when isolation
and/or communication is not required with the ADE7953.
JP18
Closed
(default)
Connects the externally applied 3.3 V power to ADuM1401 Isolator U5. Use this configuration in normal operation
when communicating with the ADE7953 via the interface board.
Open
Disconnects the externally applied 3.3 V power to ADuM1401 Isolator U5. Use this configuration when isolation
and/or communication is not required with the ADE7953.
JP19
Closed
(default)
Connects the externally applied 3.3 V power to the ADuM1250 bidirectional isolator, U6. Use this configuration
when communicating with the ADE7953 via the interface board using I2C.
Open
Disconnects the externally applied 3.3 V power to the ADuM1250 bidirectional isolator, U6. Use this configuration
when isolation and/or I2C communication is not required with the ADE7953.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com