전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UG-194 데이터시트(PDF) 3 Page - Analog Devices

부품명 UG-194
상세설명  Evaluation Board for the ADE7953 Single Phase Energy Metering IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

UG-194 데이터시트(HTML) 3 Page - Analog Devices

  UG-194 Datasheet HTML 1Page - Analog Devices UG-194 Datasheet HTML 2Page - Analog Devices UG-194 Datasheet HTML 3Page - Analog Devices UG-194 Datasheet HTML 4Page - Analog Devices UG-194 Datasheet HTML 5Page - Analog Devices UG-194 Datasheet HTML 6Page - Analog Devices UG-194 Datasheet HTML 7Page - Analog Devices UG-194 Datasheet HTML 8Page - Analog Devices UG-194 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Evaluation Board User Guide
UG-194
Rev. A | Page 3 of 20
EVALUATION BOARD HARDWARE
OVERVIEW
The ADE7953 evaluation kit includes two boards that should be
used together to evaluate the silicon. The smaller board, named
ADE IO INTERFACE BOARD Z (the interface board), consists
of an NXP LPC2368FBD100 microcontroller that handles all
communications from the PC to the ADE7953 (see Figure 1).
The larger board, named EVAL-ADE7953EBZ (the evaluation
board), includes the ADE7953 energy metering IC, associated
filtering, and isolation to allow high voltage inputs to be used
(see Figure 2). The two boards should be connected together
using the 25-pin connector included in the evaluation kit. The
connector is labeled P2 on the interface board and P7 on the
evaluation board.
Full schematics of the ADE7953 evaluation board and interface
board are provided in the Evaluation Board Schematics section
and the Interface Board Schematics section.
POWERING UP THE EVALUATION BOARD
The ADE7953 interface board receives power via the USB
cable that is connected to the PC. No additional power source
is required for the interface board.
The ADE7953 evaluation board requires a 3.3 V power supply.
This power source supplies the nonisolated side of the circuit,
including the ADE7953 energy metering IC and associated
circuitry. The 3.3 V supply should be provided on P1. The
isolated portion of the evaluation board is powered by the
interface board connection.
JUMPER CONFIGURATION
Table 1 describes the jumpers included on the ADE7953 evalua-
tion board and the required settings for different configurations.
Before connecting any high voltage signals, users should review
the jumper configuration and verify that it is correct for their
specific setup.
Table 1. Jumper Configuration
Jumper
Option
Description
JP1A
Closed
Connects Pin 1 of the Channel IA pin connector (P2) to AGND. Use this configuration in conjunction with JP3A and
JP5A closed to short the IAP pin of the ADE7953 to AGND.
Open
(default)
Pin 1 of the Channel IA pin connector (P2) is left floating. Use this configuration in normal operation to drive IAP
with analog signal.
JP1B
Closed
Connects Pin 1 of the Channel IB pin connector (P3) to AGND. Use this configuration in conjunction with JP3B and
JP5B closed to short the IBP pin of the ADE7953 to AGND.
Open
(default)
Pin 1 of the Channel IB pin connector (P3) is left floating. Use this configuration in normal operation to drive IBP
with analog signal.
JP2A
Closed
Connects Pin 2 of the Channel IA pin connector (P2) to AGND. Use this configuration in conjunction with JP4A
closed and JP6A open to short the IAN pin of the ADE7953 to AGND, which should be done when using a shunt
current sensor.
Open
(default)
Pin 2 of the Channel IA pin connector (P2) is left floating. Use this configuration when driving a differential input
to IAN, which should be done when using a current transformer or Rogowski coil sensor.
JP2B
Closed
Connects Pin 2 of the Channel IB pin connector (P3) to AGND. Use this configuration in conjunction with JP4B
closed and JP6B open to short the IBN pin of the ADE7953 to AGND, which should be done when using a shunt
current sensor.
Open
(default)
Pin 2 of the Channel IB pin connector (P3) is left floating. Use this configuration when driving a differential input to
IBN, which should be done when using a current transformer or Rogowski coil sensor.
JP3A
Closed
Disables the antialiasing filter (composed of R5 and C7) in the IAP signal path.
Open
(default)
Enables the antialiasing filter (composed of R5 and C7) in the IAP signal path.
JP3B
Closed
Disables the antialiasing filter (composed of R7 and C9) in the IBP signal path.
Open
(default)
Enables the antialiasing filter (composed of R7 and C9) in the IBP signal path.
JP4A
Closed
Disables the antialiasing filter (composed of R6 and C8) in the IAN signal path.
Open
(default)
Enables the antialiasing filter (composed of R6 and C8) in the IAN signal path.
JP4B
Closed
Disables the antialiasing filter (composed of R8 and C10) in the IBN signal path.
Open
(default)
Enables the antialiasing filter (composed of R8 and C10) in the IBN signal path.
JP5A
Closed
(default)
Disables the antialiasing filter (composed of R9 and C11) in the IAP signal path.
Open
Enables the antialiasing filter (composed of R9 and C11) in the IAP signal path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com