| 전자부품 데이터시트 검색엔진 |
|
DS2196L 데이터시트(PDF) 54 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2196L 데이터시트(HTML) 54 Page - Dallas Semiconductor |
|
54 / 157 page ![]() DS2196 54 of 157 RIR1B: RECEIVE INFORMATION REGISTER 1 FRAMER B (Address = C2 Hex) (MSB) (LSB) COFA 8ZD 16ZD – – SEFE B8ZS FBE SYMBOL POSITION NAME AND DESCRIPTION COFA RIR1B.7 Change of Frame Alignment. Set when the last resync resulted in a change of frame or multiframe alignment. 8ZD RIR1B.6 Eight Zero Detect. Set when a string of at least eight consecutive zeros (regardless of the length of the string) have been received at RPOSIB and RNEGIB. 16ZD RIR1B.5 Sixteen Zero Detect. Set when a string of at least sixteen consecutive zeros (regardless of the length of the string) have been received at RPOSIB and RNEGIB. – RIR1B.4 Not Assigned. Could be any value when read. – RIR1B.3 Not Assigned. Could be any value when read. SEFE RIR1B.2 Severely Errored Framing Event. Set when 2 out of 6 framing bits (Ft or FPS) are received in error. B8ZS RIR1B.1 B8ZS Code Word Detect. Set when a B8ZS code word is detected at RPOSIB and RNEGIB independent of whether the B8ZS mode is selected or not via CCR2.6. Useful for automatically setting the line coding. FBE RIR1B.0 Frame Bit Error. Set when a Ft (D4) or FPS (ESF) framing bit is received in error. |