전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2196L 데이터시트(PDF) 40 Page - Dallas Semiconductor

부품명 DS2196L
상세설명  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DALLAS [Dallas Semiconductor]
홈페이지  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196L 데이터시트(HTML) 40 Page - Dallas Semiconductor

Back Button DS2196L Datasheet HTML 36Page - Dallas Semiconductor DS2196L Datasheet HTML 37Page - Dallas Semiconductor DS2196L Datasheet HTML 38Page - Dallas Semiconductor DS2196L Datasheet HTML 39Page - Dallas Semiconductor DS2196L Datasheet HTML 40Page - Dallas Semiconductor DS2196L Datasheet HTML 41Page - Dallas Semiconductor DS2196L Datasheet HTML 42Page - Dallas Semiconductor DS2196L Datasheet HTML 43Page - Dallas Semiconductor DS2196L Datasheet HTML 44Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 157 page
background image
DS2196
40 of 157
CCR2A: COMMON CONTROL REGISTER 2 FRAMER A (Address = 38 Hex)
(MSB)
(LSB)
TFM
TB8ZS
TSLC96
TZSE
RFM
RB8ZS
RSLC96
RFDL
SYMBOL
POSITION
NAME AND DESCRIPTION
TFM
CCR2A.7
Transmit Frame Mode Select.
0 = D4 framing mode
1 = ESF framing mode
TB8ZS
CCR2A.6
Transmit B8ZS Enable.
0 = B8ZS disabled
1 = B8ZS enabled
TSLC96
CCR2A.5
Transmit SLC–96 / Fs–Bit Insertion Enable. Only set this
bit to a 1 in D4 framing applications. Must be set to 1 to source
the Fs pattern. See Section 18 for details.
0 = SLC–96/Fs–bit insertion disabled
1 = SLC–96/Fs–bit insertion enabled
TZSE
CCR2A.4
Transmit FDL Zero Stuffer Enable. Set this bit to 0 if using
the internal HDLC/BOC controller instead of the legacy support
for the FDL. See Section 18 for details.
0 = zero stuffer disabled
1 = zero stuffer enabled
RFM
CCR2A.3
Receive Frame Mode Select.
0 = D4 framing mode
1 = ESF framing mode
RB8ZS
CCR2A.2
Receive B8ZS Enable.
0 = B8ZS disabled
1 = B8ZS enabled
RSLC96
CCR2A.1
Receive SLC–96 Enable. Only set this bit to a 1 in D4/SLC–
96 framing applications. See Section 18 for details.
0 = SLC–96 disabled
1 = SLC–96 enabled
RFDL
CCR2A.0
Receive FDL Zero Destuffer Enable. Set this bit to 0 if using
the internal HDLC/BOC controller instead of the legacy support
for the FDL. See Section 18 for details.
0 = zero destuffer disabled
1 = zero destuffer enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More