전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GL 데이터시트(PDF) 13 Page - fujitsu semiconductor

부품명 MB90F548GL
상세설명  16-bit Proprietary Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB90F548GL 데이터시트(HTML) 13 Page - fujitsu semiconductor

Back Button MB90F548GL Datasheet HTML 9Page - fujitsu semiconductor MB90F548GL Datasheet HTML 10Page - fujitsu semiconductor MB90F548GL Datasheet HTML 11Page - fujitsu semiconductor MB90F548GL Datasheet HTML 12Page - fujitsu semiconductor MB90F548GL Datasheet HTML 13Page - fujitsu semiconductor MB90F548GL Datasheet HTML 14Page - fujitsu semiconductor MB90F548GL Datasheet HTML 15Page - fujitsu semiconductor MB90F548GL Datasheet HTML 16Page - fujitsu semiconductor MB90F548GL Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
MB90540/540G/545/545G Series
13
(Continued)
*1 : FPT-100P-M06
*2 : FPT-100P-M05
Pin No.
Pin name
Circuit
type
Function
LQFP*2
QFP*1
72
74
P95
D
General I/O port. This function is always enabled.
RX0
RX input pin for CAN0 Interface. When the CAN function is
used, output from the other functions must be stopped.
73
75
P96
D
General I/O port. This function is enabled when CAN1 disables
the output.
TX1
TX output pin for CAN1. This function is enabled when CAN1
enables the output (only MB90540 series) .
74
76
P97
D
General I/O port. This function is always enabled.
RX1
RX input pin for CAN1 Interface. When the CAN function is
used, output from the other functions must be stopped (only
MB90540 series) .
76
78
PA0
D
General I/O port. This function is always enabled.
32
34
AVCC
Power
supply
Power supply pin for the A/D Converter. This power supply
must be turned on or off while a voltage higher than or equal to
AVCC is applied to VCC.
35
37
AVSS
Power
supply
Power supply pin for the A/D Converter.
33
35
AVRH
Power
supply
External reference voltage input pin for the A/D Converter.
This power supply must be turned on or off while a voltage
higher than or equal to AVRH is applied to AVCC.
34
36
AVRL
Power
supply
External reference voltage input pin for the A/D Converter.
47
48
49
50
MD0
MD1
C
Input pins for specifying the operating mode. The pins must be
directly connected to VCC or VSS.
49
51
MD2
F
Input pin for specifying the operating mode. The pin must be
directly connected to VCC or VSS.
25
27
C
Power supply stabilization capacitor pin. It should be connect-
ed externally to an 0.1
µF ceramic capacitor.
21, 82
23, 84
VCC
Power
supply
Input pin for power supply (5.0 V) .
9, 40, 79
11, 42,
81
VSS
Power
supply
Input pin for power supply (0.0 V) .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com