전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GL 데이터시트(PDF) 17 Page - fujitsu semiconductor

부품명 MB90F548GL
상세설명  16-bit Proprietary Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB90F548GL 데이터시트(HTML) 17 Page - fujitsu semiconductor

Back Button MB90F548GL Datasheet HTML 13Page - fujitsu semiconductor MB90F548GL Datasheet HTML 14Page - fujitsu semiconductor MB90F548GL Datasheet HTML 15Page - fujitsu semiconductor MB90F548GL Datasheet HTML 16Page - fujitsu semiconductor MB90F548GL Datasheet HTML 17Page - fujitsu semiconductor MB90F548GL Datasheet HTML 18Page - fujitsu semiconductor MB90F548GL Datasheet HTML 19Page - fujitsu semiconductor MB90F548GL Datasheet HTML 20Page - fujitsu semiconductor MB90F548GL Datasheet HTML 21Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 67 page
background image
MB90540/540G/545/545G Series
17
s
s
s
s HANDLING DEVICES
(1) Preventing latch-up
CMOS IC chips may suffer latch-up under the following conditions :
• A voltage higher than VCC or lower than VSS is applied to an input or output pin.
• A voltage higher than the rated voltage is applied between VCC and VSS.
• The AVcc power supply is applied before the VCC voltage.
Latch-up may increase the power supply current drastically, causing thermal damage to the device.
For the same reason, care must also be taken in not allowing the analog power-supply voltage (AVCC, AVRH) to
exceed the digital power-supply voltage.
(2) Handling unused pins
Leaving unused input pins open may result in misbehavior or latch up and possible permanent damage of the
device. Therefor they must be pulled up or pulled down through resistors. In this case those resistors should be
more than 2 k
Ω.
Unused bi-directional pins should be set to the output state and can be left open, or the input state with the
above described connection.
(3) Using external clock
To use external clock, drive X0 pin only and leave X1 pin unconnected.
Below is a diagram of how to use external clock.
(4) Use of the sub-clock
Use one clock system parts when the sub-clock is not used. In that case, pull-down the pin X0A and leave the
pin X1A open. When using two clock system parts, a 32 kHz oscillator has to be connected to the X0A and X1A
pins.
(5) Power supply pins (VCC/VSS)
In products with multiple VCC or VSS pins, the pins of a same potential are internally connected in the device to
avoid abnormal operations including latch-up. However you must connect the pins to an external power and a
ground line to lower the electro-magnetic emission level to prevent abnormal operation of strobe signals caused
by the rise in the ground level, and to conform to the total current rating.
Make sure to connect VCC and VSS pins via the lowest impedance to power lines.
It is recommended to provide a bypass capacitor of around 0.1
µF between VCC and VSS pins near the device.
X0
X1
MB90540/545 Series
Open
VCC
VCC
VCC
VCC
VCC
VSS
VSS
VSS
VSS
VSS
MB90540/545
Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com