전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GLSPF 데이터시트(PDF) 39 Page - fujitsu semiconductor

부품명 MB90F548GLSPF
상세설명  16-bit Proprietary Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB90F548GLSPF 데이터시트(HTML) 39 Page - fujitsu semiconductor

Back Button MB90F548GLSPF Datasheet HTML 35Page - fujitsu semiconductor MB90F548GLSPF Datasheet HTML 36Page - fujitsu semiconductor MB90F548GLSPF Datasheet HTML 37Page - fujitsu semiconductor MB90F548GLSPF Datasheet HTML 38Page - fujitsu semiconductor MB90F548GLSPF Datasheet HTML 39Page - fujitsu semiconductor MB90F548GLSPF Datasheet HTML 40Page - fujitsu semiconductor MB90F548GLSPF Datasheet HTML 41Page - fujitsu semiconductor MB90F548GLSPF Datasheet HTML 42Page - fujitsu semiconductor MB90F548GLSPF Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
MB90540/540G/545/545G Series
39
2.
Recommended Conditions
(VSS
= AVSS = 0.0 V)
*: Use a ceramic capacitor or a capacitor of better 4. AC characteristics. The bypass capacitor should be greater
than this capacitor.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Value
Units
Remarks
Min
Typ
Max
Power supply voltage
VCC,
AVCC
4.5
5.0
5.5
V
Under normal operation : Other than
MB90F548GL(S)/543G(S)/547G(S)/
548G(S)
3.5
5.0
5.5
V
Under normal operation :
MB90F548GL(S)/543G(S)/547G(S)/
548G(S)
3.0
5.5
V
Maintain RAM data in stop mode
Smooth capacitor
CS
0.022
0.1
1.0
µF*
Operating temperature
TA
−40
+85
°C MB90F543/F549
−40
+105
°C Other than MB90F543/F549
C
CS
• C Pin Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com