전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GLSPF 데이터시트(PDF) 37 Page - fujitsu semiconductor

부품명 MB90F548GLSPF
상세설명  16-bit Proprietary Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB90F548GLSPF 데이터시트(HTML) 37 Page - fujitsu semiconductor

Back Button MB90F548GLSPF Datasheet HTML 33Page - fujitsu semiconductor MB90F548GLSPF Datasheet HTML 34Page - fujitsu semiconductor MB90F548GLSPF Datasheet HTML 35Page - fujitsu semiconductor MB90F548GLSPF Datasheet HTML 36Page - fujitsu semiconductor MB90F548GLSPF Datasheet HTML 37Page - fujitsu semiconductor MB90F548GLSPF Datasheet HTML 38Page - fujitsu semiconductor MB90F548GLSPF Datasheet HTML 39Page - fujitsu semiconductor MB90F548GLSPF Datasheet HTML 40Page - fujitsu semiconductor MB90F548GLSPF Datasheet HTML 41Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
MB90540/540G/545/545G Series
37
s
s
s
s ELECTRICAL CHARACTERISTICS
1.
Absolute Maximum Ratings
(VSS
= AVSS = 0.0 V)
*1 : AVCC, AVRH, AVRL should not exceed VCC. Also, AVRH, AVRL should not exceed AVCC, and AVRL does not
exceed AVRH.
*2 : VI and VO should not exceed VCC
+ 0.3 V. VI should not exceed the specified ratings. However if the maximum
current to/from an input is limited by some means with external components, the ICLAMP rating supercedes the
VI rating.
*3 : The maximum output current is a peak value for a corresponding pin.
*4 : Average output current is an average current value observed for a 100 ms period for a corresponding pin.
*5 : Total average current is an average current value observed for a 100 ms period for all corresponding pins.
*6 :
•Applicabletopins:P00toP07,P10toP17,P20toP27,P30toP37,P40toP47,P50toP57,P60toP67,P70toP77,
P80 to P87, P90 to P97, PA0
• Use within recommended operating conditions.
• Use at DC voltage (current) .
• The +B signal should always be applied with a limiting resistance placed between the +B signal and the
microcontroller.
• The value of the limiting resistance should be set so that when the +B signal is applied the input current to
the microcontroller pin does not exceed rated values, either instantaneously or for prolonged periods.
• Note that when the microcontroller drive current is low, such as in the power saving modes, the +B input
potential may pass through the protective diode and increase the potential at the VCC pin, and this may affect
other devices.
• Note that if a +B signal is input when the microcontroller current is off (not fixed at 0 V) , the power supply is
provided from the pins, so that incomplete operation may result.
• Note that if the +B input is applied during power-on, the power supply is provided from the pins and the
resulting supply voltage may not be sufficient to operate the power-on result.
(Continued)
Parameter
Symbol
Value
Units
Remarks
Min
Max
Power supply voltage
VCC
VSS
− 0.3 VSS + 6.0
V
AVCC
VSS
− 0.3 VSS + 6.0
V
VCC
= AVCC
*1
AVRH,
AVRL
VSS
− 0.3 VSS + 6.0
V
AVCC
≥ AVRH/AVRL,
AVRH
≥ AVRL
*1
Input voltage
VI
VSS
− 0.3 VSS + 6.0
V
*2
Output voltage
VO
VSS
− 0.3 VSS + 6.0
V
*2
Maximum clamp current
ICLAMP
− 2.0
+ 2.0
mA
*6
Total maximum clamp current
∑| ICLAMP |
20
mA
*6
“L” level max output current
IOL
15
mA
*3
“L” level avg. output current
IOLAV
4mA
*4
“L” level max overall output current
∑IOL
100
mA
“L” level avg. overall output current
∑IOLAV
50
mA
*5
“H” level max output current
IOH
−15
mA
*3
“H” level avg. output current
IOHAV
−4mA
*4
“H” level max overall output current
∑IOH
−100
mA
“H” level avg. overall output current
∑IOHAV
−50
mA
*5
Power consumption
PD
500
mW
Flash device
400
mW
Mask ROM
Operating temperature
TA
−40
+85
°C MB90F543/F549
−40
+105
°C Other than MB90F543/F549
Storage temperature
TSTG
−55
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com