전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GLSPFV 데이터시트(PDF) 18 Page - fujitsu semiconductor

부품명 MB90F548GLSPFV
상세설명  16-bit Proprietary Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB90F548GLSPFV 데이터시트(HTML) 18 Page - fujitsu semiconductor

Back Button MB90F548GLSPFV Datasheet HTML 14Page - fujitsu semiconductor MB90F548GLSPFV Datasheet HTML 15Page - fujitsu semiconductor MB90F548GLSPFV Datasheet HTML 16Page - fujitsu semiconductor MB90F548GLSPFV Datasheet HTML 17Page - fujitsu semiconductor MB90F548GLSPFV Datasheet HTML 18Page - fujitsu semiconductor MB90F548GLSPFV Datasheet HTML 19Page - fujitsu semiconductor MB90F548GLSPFV Datasheet HTML 20Page - fujitsu semiconductor MB90F548GLSPFV Datasheet HTML 21Page - fujitsu semiconductor MB90F548GLSPFV Datasheet HTML 22Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
MB90540/540G/545/545G Series
18
(6) Pull-up/down resistors
The MB90540/545 Series does not support internal pull-up/down resistors (except Port0
− Port3 : pull-up resis-
tors) . Use external components where needed.
(7) Crystal Oscillator Circuit
Noises around X0 or X1 pins may be possible causes of abnormal operations. Make sure to provide bypass
capacitors via the shortest distances from X0, X1 pins, crystal oscillator (or ceramic resonator) and ground lines,
and make sure, to the utmost effort, that lines of oscillation circuits do not cross the lines of other circuits.
It is highly recommended to provide a printed circuit board artwork surrounding X0 and X1 pins with a ground
area for stabilizing the operation.
(8) Turning-on Sequence of Power Supply to A/D Converter and Analog Inputs
Make sure to turn on the A/D converter power supply (AVCC, AVRH, AVRL) and analog inputs (AN0 to AN7) after
turning-on the digital power supply (VCC) .
Turn-off the digital power after turning off the A/D converter supply and analog inputs. In this case, make sure
that the voltage does not exceed AVRH or AVCC (turning on/off the analog and digital power supplies simulta-
neously is acceptable) .
(9) Connection of Unused Pins of A/D Converter
Connect unused pins of A/D converter to AVCC
= VCC, AVSS = AVRH = VSS.
(10) N.C. Pin
The N.C. (internally connected) pin must be opened for use.
(11) Notes on Energization
To prevent the internal regulator circuit from malfunctioning, set the voltage rise time during energization at
50
µs or more (0.2 V to 2.7 V) .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com