전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GLSPFV 데이터시트(PDF) 21 Page - fujitsu semiconductor

부품명 MB90F548GLSPFV
상세설명  16-bit Proprietary Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB90F548GLSPFV 데이터시트(HTML) 21 Page - fujitsu semiconductor

Back Button MB90F548GLSPFV Datasheet HTML 17Page - fujitsu semiconductor MB90F548GLSPFV Datasheet HTML 18Page - fujitsu semiconductor MB90F548GLSPFV Datasheet HTML 19Page - fujitsu semiconductor MB90F548GLSPFV Datasheet HTML 20Page - fujitsu semiconductor MB90F548GLSPFV Datasheet HTML 21Page - fujitsu semiconductor MB90F548GLSPFV Datasheet HTML 22Page - fujitsu semiconductor MB90F548GLSPFV Datasheet HTML 23Page - fujitsu semiconductor MB90F548GLSPFV Datasheet HTML 24Page - fujitsu semiconductor MB90F548GLSPFV Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
MB90540/540G/545/545G Series
21
s
s
s
s BLOCK DIAGRAM
X0, X1
SOT0
SCK0
SIN0
SOT1
SCK1
SIN1
SOT2
SCK2
SIN2
AVCC
AVSS
AN0 to AN7
AVRH
AVRL
ADTG
X0A, X1A
RST
HST
F2MC 16LX
CPU
IN0 to IN5
IN6/OUT2,
IN7/OUT3
OUT0, OUT1
TIN0, TIN1
AD00 to AD15
A16 to A23
ALE
RD
WRL
WRH
HRQ
HAK
RDY
CLK
INT0 to INT7
TOT0, TOT1
RX0, RX1 *
TX0, TX1 *
PPG0 to PPG3
Clock
Controller
RAM
2 K/4 K/6 K/8 K
ROM/Flash
128 K/256 K/
64K(ROM only)
Prescaler
UART0
UART1
(SCI)
Prescaler
Serial I/O
10-bit A/D
Converter
8 ch.
Prescaler
16-bit I/O
Timer
16-bit Input
Capture
8 ch.
16-bit Output
Compare
4 ch.
8/16-bit
PPG
4 ch.
CAN
Controller
16-bit Reload
Timer 2 ch.
External
Bus
Interface
External
Interrupt
8 ch.
* : Only the MB90540 series has two channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com