전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CP08 데이터시트(PDF) 2 Page - Laird Tech Smart Technology

부품명 CP08
상세설명  Precise Temperature Control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LSTD [Laird Tech Smart Technology]
홈페이지  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CP08 데이터시트(HTML) 2 Page - Laird Tech Smart Technology

  CP08 Datasheet HTML 1Page - Laird Tech Smart Technology CP08 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Innovative Technology
for a Connected World
CP08,31,06 0209
Any information furnished by Laird Technologies and its agents is believed to be accurate and reliable. Responsibility for the use and application of Laird Technologies materials
rests with the end user since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness, merchantability,
or suitability of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages
of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies terms and conditions of sale in effect from time to time, a copy of which will be furnished
upon request. For further information please visit our website at www.lairdtech.com Alternatively contact: sales@lairdtech.com. Bluetooth® is a trademark owned by Bluetooth SIG,
Inc., USA and licensed to Laird Technologies.
® 2008 All Rights Reserved. Laird Technologies is a registered trademark of Laird Technologies, Inc.
Ceramic Plate Series CP08,31,06
Thermoelectric Modules
oPerating tiPS
•MaxOperatingTemperature:80°C
•DonotexceedImaxorVmaxwhen
operatingmodule
•Referenceassemblyguidelinesfor
recommendedinstallation
•Soldertinningalsoavailableon
metallizedceramics
thermo
eleCtriC
Performance Curves at Th = 25°C
Delta T (°C)
Delta T (°C)
HOT SIDE
(SEE OPTIONS)
HEAT SHRINK TUBING
(2 PLACES)



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com