전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CP08 데이터시트(PDF) 1 Page - Laird Tech Smart Technology

부품명 CP08
상세설명  Precise Temperature Control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LSTD [Laird Tech Smart Technology]
홈페이지  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CP08 데이터시트(HTML) 1 Page - Laird Tech Smart Technology

  CP08 Datasheet HTML 1Page - Laird Tech Smart Technology CP08 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Suffix ThickneSS
(prior To Tinning)
flaTneSS &
paralleliSM
hoT
face
cold
face
lead
length
l
0.134”± 0.010”
0.0015” / 0.0015” Lapped
Lapped
4.5”
l1
0.134”± 0.001”
0.001” / 0.001”
Lapped
Lapped
4.5”
l2
0.134”± 0.0005”
0.0005” / 0.0005” Lapped
Lapped
4.5”
Ml
0.138”± 0.010”
0.002” / 0.002”
Metallized
Lapped
4.5”
lM
0.138”± 0.010”
0.002” / 0.002”
Lapped
Metallized
4.5”
MM
0.142”± 0.010”
0.002” / 0.002”
Metallized
Metallized
4.5”
Suffix SealanT color TeMp range deScripTion
rT
RTV
White
-60 to 204 °C
Non-corrosive, silicone adhesive sealant
ep
Epoxy
Black
-55 to 150 °C
Low density syntactic foam epoxy encapsulant
Innovative Technology
for a Connected World
Ceramic Plate Series CP08,31,06
Thermoelectric Modules
Americas: +1 888.246.9050
Europe: +46.31.420530
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
FeatureS
• PreciseTemperatureControl
• CompactGeometricSizes
• ReliableSolidStateOperation
• NoSoundorVibration
• EnvironmentallyFriendly
• DCOperation
• RoHSCompliant
aPPliCationS
• MedicalLasers
• LabScienceInstrumentation
• ClinicalDiagnosticSystems
• PhotonicsLaserSystems
• ElectronicEnclosureCooling
• Food&BeverageCooling
• Chillers(LiquidCooling)
TheCeramicPlate(CP)SeriesofThermoelectricModules(TEMs)isconsidered
‘thestandard’inthethermoelectricindustry.
Thisbroadproductlineofhigh-performanceandhighlyreliableTEMsisavailable
innumerousheatpumpingcapacities,geometricshapes,andinputpowerranges.
AssembledwithBismuthTelluridesemiconductormaterialandthermallyconductive
AluminumOxideceramics,theCPSeriesisdesignedforhighercurrentandlarge
heat-pumpingapplications.
perforMance SpecificaTionS
hot Side Temperature (°c)
25°C
50°C
Qmax (Watts)
4.5
4.9
delta Tmax (°c)
67
75
imax (amps)
2.1
2.1
Vmax (Volts)
3.7
4.0
Module resistance (ohms)
1.54
1.74
Sealing oPtion


유사한 부품 번호 - CP08

제조업체부품명데이터시트상세설명
logo
FOTEK CONTROLS CO., LTD...
CP08-06N FOTEK-CP08-06N Datasheet
337Kb / 2P
Capacitive proximity sensor
CP08-06NB FOTEK-CP08-06NB Datasheet
337Kb / 2P
Capacitive proximity sensor
CP08-06P FOTEK-CP08-06P Datasheet
337Kb / 2P
Capacitive proximity sensor
CP08-06PB FOTEK-CP08-06PB Datasheet
337Kb / 2P
Capacitive proximity sensor
logo
Laird Tech Smart Techno...
CP08-127-05 LSTD-CP08-127-05 Datasheet
223Kb / 2P
Reliable solid state operation
More results

유사한 설명 - CP08

제조업체부품명데이터시트상세설명
logo
Laird Tech Smart Techno...
AA-034-12-22 LSTD-AA-034-12-22 Datasheet
976Kb / 2P
Precise temperature control
DA-039-12-02 LSTD-DA-039-12-02 Datasheet
908Kb / 2P
Precise temperature control
DA-075-12-02 LSTD-DA-075-12-02 Datasheet
754Kb / 2P
Precise temperature control
HT2 LSTD-HT2 Datasheet
580Kb / 2P
Precise Temperature Control
HT6 LSTD-HT6 Datasheet
353Kb / 2P
Precise Temperature Control
MS5 LSTD-MS5 Datasheet
536Kb / 2P
Precise temperature control
PC4 LSTD-PC4 Datasheet
584Kb / 2P
Precise temperature control
DA-115-24-02 LSTD-DA-115-24-02 Datasheet
870Kb / 2P
Precise temperature control
LA-045-12-02-00-00 LSTD-LA-045-12-02-00-00 Datasheet
307Kb / 3P
Precise temperature control
LA-115-24-02-00-00 LSTD-LA-115-24-02-00-00 Datasheet
300Kb / 3P
Precise temperature control
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com