전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EA411US 데이터시트(PDF) 1 Page - Active-Semi, Inc

부품명 EA411US
상세설명  ActivePSRTM Quasi-Resonant PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

EA411US 데이터시트(HTML) 1 Page - Active-Semi, Inc

  EA411US Datasheet HTML 1Page - Active-Semi, Inc EA411US Datasheet HTML 2Page - Active-Semi, Inc EA411US Datasheet HTML 3Page - Active-Semi, Inc EA411US Datasheet HTML 4Page - Active-Semi, Inc EA411US Datasheet HTML 5Page - Active-Semi, Inc EA411US Datasheet HTML 6Page - Active-Semi, Inc EA411US Datasheet HTML 7Page - Active-Semi, Inc EA411US Datasheet HTML 8Page - Active-Semi, Inc EA411US Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Innovative PowerTM
- 1 -
ActivePSR
TM is a trademark of Active-Semi.
ActivePSR
TM Quasi-Resonant PWM Controller
FEATURES
Patented Primary Side Regulation
Technology
Quasi-Resonant Operation
Adjustable up to 120kHz Switching
Frequency
+/-5% Output Voltage Regulation
Accurate OCP/OLP Protection
Integrated Output Cord Compensation
Integrated Line and Primary Inductance
Compensation
Built-in Soft-Start Circuit
Line Under-Voltage, Thermal, Output Over-
voltage, Output Short Protections
Current Sense Resistor Short Protection
Transformer Short Winding Protection
Less than 100mW Standby Power
Complies with Global Energy Efficiency and
CEC Average Efficiency Standards
Tiny SOT23-6 Packages
APPLICATIONS
AC/DC Adaptors/Chargers for ADSL, PDAs,
E-books
Adaptors for Portable Media Player, DSCs,
and Other
GENERAL DESCRIPTION
The ACT411 is a high performance peak current
mode PWM controller which applies ActivePSRTM
and ActiveQRTM technology. ACT411 achieves
accurate voltage regulation without the need of an
opto-coupler or reference device.
The ACT411 is designed to achieve less than
100mW Standby Power. By applying frequency fold
back and
ActiveQR
TM
technology,
ACT411
exceeds the latest ES2.0 efficiency standard.
ACT411 integrates comprehensive protection. In
case of over temperature, over voltage, short
winding, short current sense resistor, open loop
and overload conditions, it would enter auto restart
mode including cycle-by-cycle current limiting.
ACT411 is to achieve no overshoot and very short
rise time even with big capacitive load (4000µF)
with the built-in fast and soft start process, .
The Quasi-Resonant (QR) operation mode can
effectively improve efficiency, reduce the EMI noise
and further reduce the components in input filter.
ACT411 is idea for application up to 36 Watt.
Figure 1:
Simplified Application Circuit
ACT411
Rev 4, 27-Feb-14


유사한 부품 번호 - EA411US

제조업체부품명데이터시트상세설명
logo
Elma Electronic Ltd
EA4-COUNTRY ELMA-EA4-COUNTRY Datasheet
1Mb / 22P
EA4-COUNTRY • CompactPCI® Express • PCI Express® Card Adapter
logo
List of Unclassifed Man...
EA400 ETC2-EA400 Datasheet
2Mb / 2P
electromagnetic radio wave absorbers
logo
Nihon Inter Electronics...
EA40QC04 NIEC-EA40QC04 Datasheet
46Kb / 6P
40 V, diode in 3-pin TO package
logo
Kyocera Kinseki Corpota...
EA40QC04 KSS-EA40QC04 Datasheet
767Kb / 7P
Schottky Barrier Diode
logo
Nihon Inter Electronics...
EA40QC04-F NIEC-EA40QC04-F Datasheet
53Kb / 6P
Schottky Barrier Diode
More results

유사한 설명 - EA411US

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
ICE2QS01 INFINEON-ICE2QS01 Datasheet
361Kb / 17P
Quasi-resonant PWM Controller
Version 2.1, 26 Oct 2007
ICE2QS03 INFINEON-ICE2QS03_11 Datasheet
637Kb / 19P
Quasi-Resonant PWM Controller
Version 2.1, April 21, 2011
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
Quasi-Resonant PWM Controller
logo
Active-Semi, Inc
ACT413US-T ACTIVE-SEMI-ACT413US-T Datasheet
151Kb / 3P
ActivePSRTM Quasi-Resonant PWM Controller
10-Mar-14
EVK-ACT413US-T ACTIVE-SEMI-EVK-ACT413US-T Datasheet
160Kb / 3P
ActivePSRTM Quasi-Resonant PWM Controller
10-Mar-14
ACT410 ACTIVE-SEMI-ACT410_14 Datasheet
301Kb / 16P
ActivePSRTM Quasi-Resonant PWM Controller
Rev 3, 27-Feb-14
logo
ON Semiconductor
FAN604 ONSEMI-FAN604 Datasheet
1Mb / 23P
Quasi-Resonant PWM Controller
March 2017- Rev. P0
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
QUASI-RESONANT PWM CONTROLLER
Rev 4
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
QUASI-RESONANT PWM CONTROLLER
May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com