전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EA411US 데이터시트(PDF) 10 Page - Active-Semi, Inc

부품명 EA411US
상세설명  ActivePSRTM Quasi-Resonant PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

EA411US 데이터시트(HTML) 10 Page - Active-Semi, Inc

Back Button EA411US Datasheet HTML 6Page - Active-Semi, Inc EA411US Datasheet HTML 7Page - Active-Semi, Inc EA411US Datasheet HTML 8Page - Active-Semi, Inc EA411US Datasheet HTML 9Page - Active-Semi, Inc EA411US Datasheet HTML 10Page - Active-Semi, Inc EA411US Datasheet HTML 11Page - Active-Semi, Inc EA411US Datasheet HTML 12Page - Active-Semi, Inc EA411US Datasheet HTML 13Page - Active-Semi, Inc EA411US Datasheet HTML 14Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ACT411
Rev 4, 27-Feb-14
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Innovative PowerTM
- 10 -
ActivePSR
TM is a trademark of Active-Semi.
TYPICAL APPLICATION CONT’D
Design Example
The design example below gives the procedure for
a DCM fly back converter using an ACT411. Refer
to Application Circuit Figure 2, the design for an
adapter application starts with the following
specification:
The operation for the circuit shown in Figure 1 is as
follows: the rectifier bridge BD1 and the capacitor
C1/C2 convert the AC line voltage to DC. This
voltage supplies the primary winding of the
transformer T1 and the startup resistor R7/R8 to
VDD pin of ACT411 and C4. The primary power
current path is formed by the transformer’s primary
winding, the mosfet, and the current sense resistor
R9. The resistors R3, R2, diode D5 and capacitor
C3 create a snubber clamping network that protects
Q1 from voltage spike from the transformer primary
winding
leakage
inductance.
The
network
consisting of capacitor C4, diode D6 and resistor
R4 provides a VDD supply voltage for ACT411 from
the auxiliary winding of the transformer. The resistor
R4 is optional, which filters out spikes and noise to
makes VDD more stable. C4 is the decoupling
capacitor of the supply voltage and energy storage
component for startup. During power startup, the
current charges C4 through startup resistor R7/R8
from the rectified high voltage. The diode D8 and
the capacitor C5/C6 rectify filter the output voltage.
The resistor divider consists of R5 and R6
programs the output voltage.
Since a bridge rectifier and bulk input capacitors are
used, the resulting minimum and maximum DC
input voltages can be calculated:
Where ŋ is the estimated circuit efficiency, fL is the
line frequency, tC is the estimated rectifier
conduction time, CIN is empirically selected to be
2х10µF electrolytic capacitors.
The maximum duty cycle is set to be 45% at low
line voltage 85VAC and the circuit efficiency is
estimated to be 85%. Then the maximum average
input current is:
The maximum input primary peak current:
The primary inductance of the transformer:
The maximum primary turns on time:
The ringing periods from primary inductance with
mosfet Drain-Source capacitor:
Design only an half ringing cycle at maximum load
in minimum low line, so secondly reset time:
Base on conservation of energy and transformer
transform identity, the primary to secondary turns
ratio NP/NS:
The auxiliary to secondary turns ratio NA/NS:
V
115
F
10
2
85
.
0
)
ms
5
.
3
47
2
1
(
12
2
85
2
C
)
t
f
2
1
(
P
2
V
2
V
2
IN
C
L
OUT
2
MIN
_
INAC
MIN
_
INDC
-
-
-
μ
η
×
×
×
×
×
×
=
×
=
(3)
V
375
)
V
265
(
2
V
2
V
AC
AC
)
MAX
(
IN
DC
)
MAX
(
IN
=
×
=
×
=
(4)
mA
873
45
.
0
196
2
D
L
2
I
MAX
N
I
LIM
=
×
=
×
=
(6)
mH
4
.
0
k
110
mA
873
45
.
0
115
f
I
D
V
L
s
LIM
max
MIN
_
INDC
p
×
×
=
×
=
(7)
s
04
.
3
115
mA
873
mH
4
.
0
V
I
L
T
MIN
_
INDC
LIM
p
MAX
_
ON
μ
=
×
=
=
(8)
s
3
.
1
PF
100
%)
7
1
(
mH
4
.
0
14
.
3
2
C
L
2
T
MAX
_
DS
MAX
_
p
MAX
_
RINGING
μ
π
=
×
+
×
×
×
=
=
(9)
s
4
.
5
s
3
.
1
5
.
0
s
04
.
3
kHz
110
/
1
T
5
.
0
T
T
T
MAX
_
RINGING
MAX
_
ON
SW
RST
μ
μ
μ
=
×
=
=
-
-
-
-
(10)
18
.
5
45
.
0
12
115
4
.
5
03
.
3
V
V
V
T
T
N
N
D
OUT
MIN
_
IN
RST
ON
S
P
=
+
×
=
+
×
=
(11)
08
.
1
45
.
0
12
45
.
0
13
V
V
'
V
V
N
N
D
OUT
D
DD
S
A
=
+
+
=
+
+
=
(12)
mA
196
85
.
0
115
6
.
1
12
V
I
V
I
MIN
_
INDC
CC
_
OUT
OUT
MAX
_
IN
=
×
×
=
×
×
=
η
(5)
Input Voltage Range
90VAC - 265VAC, 50/60Hz
Output Power, PO
12W
Output Voltage, VOUTCV
12V
Full Load Current, IOUTFL
1A
CC Current, IOUTMAX
1.3-1.6A
System Efficiency CV,
η
0.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com