| 전자부품 데이터시트 검색엔진 |
|
LMX3161VBH 데이터시트(PDF) 8 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMX3161VBH 데이터시트(HTML) 8 Page - National Semiconductor (TI) |
|
8 / 14 page ![]() PLL Functional Description The simplified block diagram below shows the building blocks of frequency synthesizer and all internal registers, which are 20-bit data register, 18-bit F-latch, 12-bit N-counter, and 6-bit R-counter. The DATA stream is clocked into the data register on the rising edge of CLOCK signal, MSB first. The last two bits are the control bits to indicate which register to be written. Upon the rising edge of the LE (Load Enable) signal, the rest of data bits is transferred to the addressed register accordingly. The decoding scheme of the two control bits is as follows: Control Bits Register C2 C1 0 0 N-Counter 1 0 R-Counter X 1 F-Latch Note: X = Don’t Care Condition Programmable Feedback Divider (N-Counter) The N-counter consists of the 6-bit swallow counter (A-counter) and the 6-bit programmable counter (B-counter). When the con- trol bits are “00”, data is transferred from the 20-bit shift register into two 6-bit latches. One latch sets the A-counter while the other sets the B-counter. The serial data format is shown below. MSB REGISTER’S BIT MAPPING LSB 19 18 17 16 15 14 13 12 11 10 9 8 7 6 543210 RESERVED N-COUNTER’s Divide Ratio C2 C1 X XXXXX N12 N11 N10 N9 N8 N7 N6 N5 N4 N3 N2 N1 0 0 Note: X = Don’t Care Condition Swallow Counter Divide Ratio (A-Counter) Divide Ratio, A N6 N5 N4 N3 N2 N1 0 000000 1 000001 * ****** 63 111111 Note: Divide ratio must be from 0 to 63, and B must be ≥ A. Programmable Counter Divide Ratio (B-Counter) Divide Ratio, B N12 N11 N10 N9 N8 N7 3 000 0 1 1 4 000 1 0 0 * *** * * * 63 111 1 1 1 Note: Divide ratio must be from 3 to 63, and B must be ≥ A. DS012815-4 www.national.com 8 |