전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PS2625 데이터시트(PDF) 23 Page - NEC

부품명 PS2625
상세설명  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

PS2625 데이터시트(HTML) 23 Page - NEC

Back Button PS2625 Datasheet HTML 19Page - NEC PS2625 Datasheet HTML 20Page - NEC PS2625 Datasheet HTML 21Page - NEC PS2625 Datasheet HTML 22Page - NEC PS2625 Datasheet HTML 23Page - NEC PS2625 Datasheet HTML 24Page - NEC PS2625 Datasheet HTML 25Page - NEC PS2625 Datasheet HTML 26Page - NEC PS2625 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
22
Dimensions
Figures 3 and 4 show the dimensions of the PS2500 series optocouplers. The PS2500 series optocouplers are very compact
and fit for high-density installation on PC boards. For example, the package area occupied by a single channel of the PS2500
series is half that of the PS2600 series (6-pin Dual in-line package).
PS250X-1
PS250X-4
Figure 3. Package Dimensions (Units in mm) (PS2501, PS2502, PS2505, and PS2506)
16151413
12 3 4
1,3,5,7.
Anode
2,4,6,8.
Cathode
9,11,13,15. Emitter
10,12,14,16. Collector
20.3 MAX
1.34
0.50
±0.10
2.54
7.62
0 to 15˚
0.25 M
56
1211
78
10 9
PS250X-2
87 6 5
12 3 4
1,3.
Anode
2,4.
Cathode
5,7.
Emitter
6,8.
Collector
10.2 MAX
1.34
0.50
±0.10
2.54
7.62
0.25 M
0 to 15˚
43
12
5.1 MAX
1.34
0.50
±0.10
0 to 15˚
7.62
2.54
0.25 M
1. Anode
2. Cathode
3. Emitter
4. Collector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38