전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PS2625 데이터시트(PDF) 12 Page - NEC

부품명 PS2625
상세설명  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

PS2625 데이터시트(HTML) 12 Page - NEC

Back Button PS2625 Datasheet HTML 8Page - NEC PS2625 Datasheet HTML 9Page - NEC PS2625 Datasheet HTML 10Page - NEC PS2625 Datasheet HTML 11Page - NEC PS2625 Datasheet HTML 12Page - NEC PS2625 Datasheet HTML 13Page - NEC PS2625 Datasheet HTML 14Page - NEC PS2625 Datasheet HTML 15Page - NEC PS2625 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
11
PS2601
RL = 5 k
Ω
1
0.1
0.01
100
1000
Base-Emitter Capacitance, CBE (pF)
As mentioned above, noise induced by the fluctuation of supply voltage can be removed by proper treatment of the base pin. For
switching of input free from induced noise at normal switching speed, optocouplers with a base pin such as the PS2602 series
are available. If the base pin of an optocoupler is left unused or opened, it typically will pick up external noise. Cutting off the
base pin is also effective in order to prevent it from picking up external noise. See Graph 8-(b).
Figure 2-8. Vo vs. CBE Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38