| 전자부품 데이터시트 검색엔진 |
|
FT4222HQ-C-R 데이터시트(PDF) 36 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT4222HQ-C-R 데이터시트(HTML) 36 Page - Future Technology Devices International Ltd. |
|
36 / 49 page ![]() Copyright © Future Technology Devices International Limited 36 FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC 1.3 Document No.: FT_001011 Clearance No.: FTDI#405 8 Application Examples The following diagrams show the possible applications of the FT4222H. In Figure 8.1, a control IC with an SPI slave interface but without a USB device interface can easily connect to USB by integrating the FT4222H into the system. With FTDI’s mature and stable D2XX driver, and easy to use support library, LibFT4222, the FT4222H can easily connect an application to USB. Figure 8.1 Application Example 1 In Figure 8.2, a control IC with an SPI master interface but without a USB upstream port (USB device interface) can easily connect to USB by integrating the FT4222H into the system. With a single SPI slave interface defined in FT4222H and easy to use API defined in LibFT4222, it is easy to connect an application to USB via FT4222H. Figure 8.2 Application Example 2 |