| 전자부품 데이터시트 검색엔진 |
|
LPC660IN 데이터시트(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LPC660IN 데이터시트(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 17 page ![]() Absolute Maximum Ratings (Note 3) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Differential Input Voltage ±Supply Voltage Supply Voltage (V + −V−) 16V Output Short Circuit to V + (Note 11) Output Short Circuit to V − (Note 1) Lead Temperature (Soldering, 10 sec.) 260˚C Storage Temp. Range −65˚C to +150˚C Junction Temperature (Note 2) 150˚C ESD Rating (C = 100 pF, R = 1.5 k Ω) 1000V Power Dissipation (Note 2) Current at Input Pin ±5mA Current at Output Pin ±18 mA Voltage at Input/Output Pin (V +) + 0.3V, (V−) − 0.3V Current at Power Supply Pin 35 mA Operating Ratings (Note 3) Temperature Range LPC660AM −55˚C ≤ T J ≤ +125˚C LPC660AI −40˚C ≤ T J ≤ +85˚C LPC660I −40˚C ≤ T J ≤ +85˚C Supply Range 4.75V to 15.5V Power Dissipation (Note 9) Thermal Resistance ( θ JA), (Note 10) 14-Pin Ceramic DIP 90˚C/W 14-Pin Molded DIP 85˚C/W 14-Pin SO 115˚C/W 14-Pin Side Brazed Ceramic DIP 90˚C/W DC Electrical Characteristics Unless otherwise specified, all limits guaranteed for T J = 25˚C. Boldface limits apply at the temperature extremes. V + = 5V, V− = 0V, V CM = 1.5V, VO = 2.5V, and RL > 1M unless otherwise specified. Parameter Conditions Typ LPC660AM LPC660AI LPC660I Units LPC660AMJ/883 Limit Limit Limit (Notes 4, 8) (Note 4) (Note 4) Input Offset Voltage 1 3 3 6 mV 3.5 3.3 6.3 max Input Offset Voltage 1.3 µV/˚C Average Drift Input Bias Current 0.002 20 pA 100 4 4 max Input Offset Current 0.001 20 pA 100 2 2 max Input Resistance >1 Tera Ω Common Mode 0V ≤ V CM ≤ 12.0V 83 70 70 63 dB Rejection Ratio V + = 15V 68 68 61 min Positive Power Supply 5V ≤ V+ ≤ 15V 83 70 70 63 dB Rejection Ratio 68 68 61 min Negative Power Supply 0V ≤ V− ≤ −10V 94 84 84 74 dB Rejection Ratio 82 83 73 min Input Common Mode V + = 5V & 15V −0.4 −0.1 −0.1 −0.1 V Voltage Range For CMRR > 50 dB 00 0 max V + − 1.9 V + − 2.3 V + − 2.3 V + − 2.3 V V + − 2.6 V + − 2.5 V + − 2.5 min Large Signal R L = 100 kΩ (Note 5) 1000 400 400 300 V/mV Voltage Gain Sourcing 250 300 200 min Sinking 500 180 180 90 V/mV 70 120 70 min R L = 5kΩ (Note 5) 1000 200 200 100 V/mV Sourcing 150 160 80 min Sinking 250 100 100 50 V/mV 35 60 40 min www.national.com 3 |