| 전자부품 데이터시트 검색엔진 |
|
LPC660IN 데이터시트(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LPC660IN 데이터시트(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 17 page ![]() DC Electrical Characteristics (Continued) Unless otherwise specified, all limits guaranteed for T J = 25˚C. Boldface limits apply at the temperature extremes. V + = 5V, V− = 0V, V CM = 1.5V, VO = 2.5V, and RL > 1M unless otherwise specified. Parameter Conditions Typ LPC660AM LPC660AI LPC660I Units LPC660AMJ/883 Limit Limit Limit (Notes 4, 8) (Note 4) (Note 4) Output Swing V + = 5V 4.987 4.970 4.970 4.940 V R L = 100 kΩ to V +/2 4.950 4.950 4.910 min 0.004 0.030 0.030 0.060 V 0.050 0.050 0.090 max V + = 5V 4.940 4.850 4.850 4.750 V R L = 5kΩ to V +/2 4.750 4.750 4.650 min 0.040 0.150 0.150 0.250 V 0.250 0.250 0.350 max V + = 15V 14.970 14.920 14.920 14.880 V R L = 100 kΩ to V +/2 14.880 14.880 14.820 min 0.007 0.030 0.030 0.060 V 0.050 0.050 0.090 max V + = 15V 14.840 14.680 14.680 14.580 V R L = 5kΩ to V +/2 14.600 14.600 14.480 min 0.110 0.220 0.220 0.320 V 0.300 0.300 0.400 max Output Current Sourcing, V O = 0V 22 16 16 13 mA V + = 5V 12 14 11 min Sinking, V O = 5V 21 16 16 13 mA 12 14 11 min Output Current Sourcing, V O = 0V 40 19 28 23 mA V + = 15V 19 25 20 min Sinking, V O = 13V 39 19 28 23 mA (Note 11) 19 24 19 min Supply Current All Four Amplifiers 160 200 200 240 µA V O = 1.5V 250 230 270 max www.national.com 4 |