전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9779WD-SPI 데이터시트(PDF) 63 Page - STMicroelectronics

부품명 L9779WD-SPI
상세설명  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI 데이터시트(HTML) 63 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 59Page - STMicroelectronics L9779WD-SPI Datasheet HTML 60Page - STMicroelectronics L9779WD-SPI Datasheet HTML 61Page - STMicroelectronics L9779WD-SPI Datasheet HTML 62Page - STMicroelectronics L9779WD-SPI Datasheet HTML 63Page - STMicroelectronics L9779WD-SPI Datasheet HTML 64Page - STMicroelectronics L9779WD-SPI Datasheet HTML 65Page - STMicroelectronics L9779WD-SPI Datasheet HTML 66Page - STMicroelectronics L9779WD-SPI Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 141 page
background image
DocID027721 Rev 2
63/141
L9779WD-SPI
Functional description
140
For LSc(OUT20) the IOUT_PD/IOUT_PU can be switched off by OFF_LCDR bit and
therefore the Open Load and Short To GND detections are not available.
Figure 40. LSx diagnosis circuit
Figure 41. Fault encoding condition diagram
Table 27. Fault encoding condition
Bit n+1
Bit n
Description
1
1
Power stage OK no Fail
0
1
Open Load OL
1
0
Short circuit to VB/over current SGB
0
0
Short circuit to GND SCG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More