전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSTFME 데이터시트(PDF) 7 Page - Pulse A Technitrol Company

부품명 MSTFME
상세설명  Outside coupler and factory tuned whip only for KG UHF glass mount antennas
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PULSE [Pulse A Technitrol Company]
홈페이지  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

MSTFME 데이터시트(HTML) 7 Page - Pulse A Technitrol Company

Back Button MSTFME Datasheet HTML 3Page - Pulse A Technitrol Company MSTFME Datasheet HTML 4Page - Pulse A Technitrol Company MSTFME Datasheet HTML 5Page - Pulse A Technitrol Company MSTFME Datasheet HTML 6Page - Pulse A Technitrol Company MSTFME Datasheet HTML 7Page - Pulse A Technitrol Company MSTFME Datasheet HTML 8Page - Pulse A Technitrol Company MSTFME Datasheet HTML 9Page - Pulse A Technitrol Company MSTFME Datasheet HTML 10Page - Pulse A Technitrol Company MSTFME Datasheet HTML 11Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.larsen-antennas.com
NOTE: Antennas are not to scale
68
UHF 406-512 MHz
To convert to Gain (dBd):
Gain (dBi) - 2.14
MODEL
FREQUENCY (MHz)
NMO406HWBCO
406 - 420
NMO450HWBCO
420 - 512
SPECIFICATIONS
GAIN
1/2 wave coil
POWER RATING
200 Watts
COLOR
Black
CONNECTOR
Order separately
COAX
Order separately
MAX HEIGHT
2 1/2”
Black NMO UHF 1/2 wave coil,
406 - 512 MHz.
MODEL
FREQUENCY (MHz)
REP. WHIP
NMO406CHW
406 - 420
W158
NMO420CHW
420 - 440
W159
NMO440CHW
440 - 460
W160
NMO450CHW
450 - 470
W161
NMO470CHW
470 - 490
W162
SPECIFICATIONS
GAIN
5.5 dBi (with ground plane)
TYPE
1/2 wave collinear
VSWR (see bandwidth)
2:1
BANDWIDTH @ 1.5
5%
BANDWIDTH @ 2.0
10%
POWER RATING
200 Watts
COLOR
Black/Stainless
CONNECTOR
Order separately
WHIP
.100, enclosed coil
COAX
Order separately
MAX HEIGHT
35 1/2”
Black NMO UHF field tunable 1/2 wave
coil and Stainless whip, 406 - 512 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com