| 전자부품 데이터시트 검색엔진 |
|
MSTFME 데이터시트(PDF) 4 Page - Pulse A Technitrol Company |
|
|
|||||||||||||||||||||||||||||
MSTFME 데이터시트(HTML) 4 Page - Pulse A Technitrol Company |
|
4 / 11 page ![]() 1 800 ANTENNA 65 NOTE: Antennas are not to scale UHF 406-512 MHz To convert to Gain (dBd): Gain (dBi) - 2.14 MODEL FREQUENCY (MHz) LP450 450 - 470 SPECIFICATIONS GAIN 2.14 dBi TYPE Low profile VSWR (see bandwidth) 2:1 BANDWIDTH @ 1.5 3% BANDWIDTH @ 2.0 5% MAX POWER 100 Watts COLOR Black COAX 17’ UD MOUNTING Direct Feed 1/2” Hole MAX HEIGHT 1 1/4” DIAMETER 5 1/4” MODEL FREQUENCY (MHz) LP406NMO (W) 406 - 420 LP420NMO (W) 416 - 430 LP450NMO (W) 450 - 470 LP470NMO (W) 470 - 490 LP490NMO (W) 490 - 512 SPECIFICATIONS GAIN 2.14 dBi TYPE Low profile VSWR (see bandwidth) 2:1 BANDWIDTH @ 1.5 3% BANDWIDTH @ 2.0 5% POWER RATING 100 Watts COLOR Black or White COAX Order separately MAX HEIGHT 1 1/2” DIAMETER 4 1/2” NMO mount low profile. 20-inch diameter ground plane required. 406 - 512 MHz. Also available in white. *For white add “W” at end of part number. Mirage II direct feed low profile. 24” ground plane required. Available in white with minimum order quantities. Please contact the factory for more information. |
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |