| 전자부품 데이터시트 검색엔진 |
|
STM32F303RC 데이터시트(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303RC 데이터시트(HTML) 39 Page - STMicroelectronics |
|
39 / 148 page ![]() DocID023353 Rev 13 39/148 STM32F303xB STM32F303xC Pinouts and pin description 54 J3 52 34 26 PB13 I/O TTa (4) SPI2_SCK,I2S2_CK,USART3 _CTS, TIM1_CH1N, TSC_G6_IO3, EVENTOUT ADC3_IN5, COMP5_INP, OPAMP4_VINP, OPAMP3_VINP J2 53 35 27 PB14 I/O TTa (4) SPI2_MISO,I2S2ext_SD, USART3_RTS_DE, TIM1_CH2N, TIM15_CH1, TSC_G6_IO4, EVENTOUT COMP3_INP, ADC4_IN4, OPAMP2_VINP H4 54 36 28 PB15 I/O TTa (4) SPI2_MOSI, I2S2_SD, TIM1_CH3N, RTC_REFIN, TIM15_CH1N, TIM15_CH2, EVENTOUT ADC4_IN5, COMP6_INM - 55 - - PD8 I/O TTa (1) USART3_TX, EVENTOUT ADC4_IN12, OPAMP4_VINM G4 56 - - PD9 I/O TTa (1) USART3_RX, EVENTOUT ADC4_IN13 H3 57 - - PD10 I/O TTa (1) USART3_CK, EVENTOUT ADC34_IN7, COMP6_INM H2 58 - - PD11 I/O TTa (1) USART3_CTS, EVENTOUT ADC34_IN8, COMP6_INP, OPAMP4_VINP H1 59 - - PD12 I/O TTa (1) USART3_RTS_DE, TIM4_CH1, TSC_G8_IO1, EVENTOUT ADC34_IN9, COMP5_INP G3 60 - - PD13 I/O TTa (1) TIM4_CH2, TSC_G8_IO2, EVENTOUT ADC34_IN10, COMP5_INM G2 61 - - PD14 I/O TTa (1) TIM4_CH3, TSC_G8_IO3, EVENTOUT COMP3_INP, ADC34_IN11, OPAMP2_VINP G1 62 - - PD15 I/O TTa (1) SPI2_NSS, TIM4_CH4, TSC_G8_IO4, EVENTOUT COMP3_INM F4 63 37 - PC6 I/O FT (1) I2S2_MCK, COMP6_OUT, TIM8_CH1, TIM3_CH1, EVENTOUT - F2 64 38 - PC7 I/O FT (1) I2S3_MCK, TIM8_CH2, TIM3_CH2, COMP5_OUT, EVENTOUT - F1 65 39 - PC8 I/O FT (1) TIM8_CH3, TIM3_CH3, COMP3_OUT, EVENTOUT - F3 66 40 - PC9 I/O FT (1) TIM8_CH4, TIM8_BKIN2,TIM3_CH4, I2S_CKIN, EVENTOUT - Table 13. STM32F303xB/STM32F303xC pin definitions (continued) Pin number Pin name (function after reset) Pin functions Alternate functions Additional functions |