| 전자부품 데이터시트 검색엔진 |
|
STM32F303RC 데이터시트(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303RC 데이터시트(HTML) 40 Page - STMicroelectronics |
|
40 / 148 page ![]() Pinouts and pin description STM32F303xB STM32F303xC 40/148 DocID023353 Rev 13 F5 67 41 29 PA8 I/O FT - I2C2_SMBA,I2S2_MCK, USART1_CK, TIM1_CH1, TIM4_ETR, MCO, COMP3_OUT, EVENTOUT - E5 68 42 30 PA9 I/O FTf - I2C2_SCL,I2S3_MCK, USART1_TX, TIM1_CH2, TIM2_CH3, TIM15_BKIN, TSC_G4_IO1, COMP5_OUT, EVENTOUT - E1 69 43 31 PA10 I/O FTf - I2C2_SDA, USART1_RX, TIM1_CH3, TIM2_CH4, TIM8_BKIN, TIM17_BKIN, TSC_G4_IO2, COMP6_OUT, EVENTOUT - E2 70 44 32 PA11 I/O FT - USART1_CTS, USB_DM, CAN_RX, TIM1_CH1N, TIM1_CH4, TIM1_BKIN2, TIM4_CH1, COMP1_OUT, EVENTOUT - D1 71 45 33 PA12 I/O FT - USART1_RTS_DE, USB_DP, CAN_TX, TIM1_CH2N, TIM1_ETR, TIM4_CH2, TIM16_CH1, COMP2_OUT, EVENTOUT - E3 72 46 34 PA13 I/O FT - USART3_CTS, TIM4_CH3, TIM16_CH1N, TSC_G4_IO3, IR_OUT, SWDIO-JTMS, EVENTOUT - C1 73 - - PF6 I/O FTf (1) I2C2_SCL, USART3_RTS_DE, TIM4_CH4, EVENTOUT - A1, A2, B1 74 47 35 VSS S - - Ground D2 75 48 36 VDD S - - Digital power supply C2 76 49 37 PA14 I/O FTf - I2C1_SDA, USART2_TX, TIM8_CH2,TIM1_BKIN, TSC_G4_IO4, SWCLK-JTCK, EVENTOUT - Table 13. STM32F303xB/STM32F303xC pin definitions (continued) Pin number Pin name (function after reset) Pin functions Alternate functions Additional functions |