전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L476RC 데이터시트(PDF) 90 Page - STMicroelectronics

부품명 STM32L476RC
상세설명  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, LCD, analog, audio
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476RC 데이터시트(HTML) 90 Page - STMicroelectronics

Back Button STM32L476RC Datasheet HTML 86Page - STMicroelectronics STM32L476RC Datasheet HTML 87Page - STMicroelectronics STM32L476RC Datasheet HTML 88Page - STMicroelectronics STM32L476RC Datasheet HTML 89Page - STMicroelectronics STM32L476RC Datasheet HTML 90Page - STMicroelectronics STM32L476RC Datasheet HTML 91Page - STMicroelectronics STM32L476RC Datasheet HTML 92Page - STMicroelectronics STM32L476RC Datasheet HTML 93Page - STMicroelectronics STM32L476RC Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 232 page
background image
Memory mapping
STM32L476xx
90/232
DocID025976 Rev 4
APB2
0x4001 6400 - 0x4001 FFFF
39 KB
Reserved
0x4001 6000 - 0x4000 63FF
1 KB
DFSDM
0x4001 5C00 - 0x4000 5FFF
1 KB
Reserved
0x4001 5800 - 0x4000 5BFF
1 KB
SAI2
0x4001 5400 - 0x4000 57FF
1 KB
SAI1
0x4001 4C00 - 0x4000 53FF
2 KB
Reserved
0x4001 4800 - 0x4001 4BFF
1 KB
TIM17
0x4001 4400 - 0x4001 47FF
1 KB
TIM16
0x4001 4000 - 0x4001 43FF
1 KB
TIM15
APB2
0x4001 3C00 - 0x4001 3FFF
1 KB
Reserved
0x4001 3800 - 0x4001 3BFF
1 KB
USART1
0x4001 3400 - 0x4001 37FF
1 KB
TIM8
0x4001 3000 - 0x4001 33FF
1 KB
SPI1
0x4001 2C00 - 0x4001 2FFF
1 KB
TIM1
0x4001 2800 - 0x4001 2BFF
1 KB
SDMMC1
0x4001 2000 - 0x4001 27FF
2 KB
Reserved
0x4001 1C00 - 0x4001 1FFF
1 KB
FIREWALL
0x4001 0800- 0x4001 1BFF
5 KB
Reserved
0x4001 0400 - 0x4001 07FF
1 KB
EXTI
0x4001 0200 - 0x4001 03FF
1 KB
COMP
0x4001 0030 - 0x4001 01FF
VREFBUF
0x4001 0000 - 0x4001 002F
SYSCFG
Table 18. STM32L476xx memory map and peripheral register boundary
addresses (continued)(1)
Bus
Boundary address
Size
(bytes)
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More