전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L476RC 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STM32L476RC
상세설명  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, LCD, analog, audio
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476RC 데이터시트(HTML) 3 Page - STMicroelectronics

  STM32L476RC Datasheet HTML 1Page - STMicroelectronics STM32L476RC Datasheet HTML 2Page - STMicroelectronics STM32L476RC Datasheet HTML 3Page - STMicroelectronics STM32L476RC Datasheet HTML 4Page - STMicroelectronics STM32L476RC Datasheet HTML 5Page - STMicroelectronics STM32L476RC Datasheet HTML 6Page - STMicroelectronics STM32L476RC Datasheet HTML 7Page - STMicroelectronics STM32L476RC Datasheet HTML 8Page - STMicroelectronics STM32L476RC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 232 page
background image
DocID025976 Rev 4
3/232
STM32L476xx
Contents
5
3.17
Voltage reference buffer (VREFBUF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
3.18
Comparators (COMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
3.19
Operational amplifier (OPAMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
3.20
Touch sensing controller (TSC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
3.21
Liquid crystal display controller (LCD) . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
3.22
Digital filter for Sigma-Delta Modulators (DFSDM) . . . . . . . . . . . . . . . . . . 41
3.23
Random number generator (RNG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
3.24
Timers and watchdogs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
3.24.1
Advanced-control timer (TIM1, TIM8) . . . . . . . . . . . . . . . . . . . . . . . . . . 43
3.24.2
General-purpose timers (TIM2, TIM3, TIM4, TIM5, TIM15, TIM16,
TIM17) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
3.24.3
Basic timers (TIM6 and TIM7) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
3.24.4
Low-power timer (LPTIM1 and LPTIM2) . . . . . . . . . . . . . . . . . . . . . . . . 44
3.24.5
Independent watchdog (IWDG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
3.24.6
System window watchdog (WWDG) . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
3.24.7
SysTick timer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
3.25
Real-time clock (RTC) and backup registers . . . . . . . . . . . . . . . . . . . . . . 46
3.26
Inter-integrated circuit interface (I2C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
3.27
Universal synchronous/asynchronous receiver transmitter (USART) . . . 48
3.28
Low-power universal asynchronous receiver transmitter (LPUART) . . . . 49
3.29
Serial peripheral interface (SPI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
3.30
Serial audio interfaces (SAI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
3.31
Single wire protocol master interface (SWPMI) . . . . . . . . . . . . . . . . . . . . 51
3.32
Controller area network (CAN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
3.33
Secure digital input/output and MultiMediaCards Interface (SDMMC) . . . 52
3.34
Universal serial bus on-the-go full-speed (OTG_FS) . . . . . . . . . . . . . . . . 52
3.35
Flexible static memory controller (FSMC) . . . . . . . . . . . . . . . . . . . . . . . . 53
3.36
Quad SPI memory interface (QUADSPI) . . . . . . . . . . . . . . . . . . . . . . . . . 54
3.37
Development support . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
3.37.1
Serial wire JTAG debug port (SWJ-DP) . . . . . . . . . . . . . . . . . . . . . . . . . 55
3.37.2
Embedded Trace Macrocell™ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
4
Pinouts and pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
5
Memory mapping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More