| 전자부품 데이터시트 검색엔진 |
|
STM32F411CEU7 데이터시트(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F411CEU7 데이터시트(HTML) 81 Page - STMicroelectronics |
|
81 / 149 page ![]() DocID026289 Rev 6 81/149 STM32F411xC STM32F411xE Electrical characteristics 123 6.3.7 Wakeup time from low-power modes The wakeup times given in Table 34 are measured starting from the wakeup event trigger up to the first instruction executed by the CPU: • For Stop or Sleep modes: the wakeup event is WFE. • WKUP (PA0) pin is used to wakeup from Standby, Stop and Sleep modes. Figure 21. Low-power mode wakeup All timings are derived from tests performed under ambient temperature and VDD=3.3 V. |