| 전자부품 데이터시트 검색엔진 |
|
STM32F411CEU7 데이터시트(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F411CEU7 데이터시트(HTML) 45 Page - STMicroelectronics |
|
45 / 149 page ![]() DocID026289 Rev 6 45/149 STM32F411xC STM32F411xE Pinouts and pin description 56 - - - 81 C9 PD0 I/O FT - EVENTOUT - - - - 82 B9 PD1 I/O FT - EVENTOUT - - 54 - 83 C8 PD2 I/O FT - TIM3_ETR, SDIO_CMD, EVENTOUT - - - - 84 B8 PD3 I/O FT - SPI2_SCK/I2S2_CK, USART2_CTS, EVENTOUT - - - - 85 B7 PD4 I/O FT - USART2_RTS, EVENTOUT - - - - 86 A6 PD5 I/O FT - USART2_TX, EVENTOUT - - - - 87 B6 PD6 I/O FT - SPI3_MOSI/I2S3_SD, USART2_RX, EVENTOUT - - - - 88 A5 PD7 I/O FT - USART2_CK, EVENTOUT - 39 55 A3 89 A8 PB3 I/O FT - JTDO-SWO, TIM2_CH2, SPI1_SCK/I2S1_CK, SPI3_SCK/I2S3_CK, USART1_RX, I2C2_SDA, EVENTOUT - 40 56 A4 90 A7 PB4 I/O FT - JTRST, TIM3_CH1, SPI1_MISO, SPI3_MISO, I2S3ext_SD, I2C3_SDA, SDIO_D0, EVENTOUT - 41 57 B4 91 C5 PB5 I/O TC - TIM3_CH2, I2C1_SMBA, SPI1_MOSI/I2S1_SD, SPI3_MOSI/I2S3_SD, SDIO_D3, EVENTOUT - 42 58 C4 92 B5 PB6 I/O FT - TIM4_CH1, I2C1_SCL, USART1_TX, EVENTOUT - Table 8. STM32F411xC/xE pin definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |