전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OMAP3530ECBC72 데이터시트(PDF) 69 Page - Texas Instruments

부품명 OMAP3530ECBC72
상세설명  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBC72 데이터시트(HTML) 69 Page - Texas Instruments

Back Button OMAP3530ECBC72 Datasheet HTML 65Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 66Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 67Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 68Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 69Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 70Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 71Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 72Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-2. Ball Characteristics (CBC Pkg.)(1) (continued)
BALL
BALL
BUFFER
PULLUP
BALL
BALL TOP
PIN NAME
RESET REL.
MODE [4]
TYPE [5]
RESET
RESET REL.
POWER [9]
HYS [10]
STRENG TH
/DOWN
IO CELL [13]
BOTTOM [1]
[2]
[3]
MODE [8]
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
A2, A4, A5,
-
No Connect
-
-
-
-
-
-
-
-
-
-
A7, A9, A10,
A11, A12,
A14, A15,
A16, A17,
A19, A21,
A22, AA23,
AB23, AC9,
AC12, AC13,
AC14, AC17,
AC20, AC22,
AC23, AD9,
AD11, AD12,
AD13, AE1,
AE8, AE11,
AE12, AE13,
AF2, AF3,
AF11, B1,
B7, B8, B9,
B10, B11,
B12, B13,
B14, B15,
B16, B17,
B18, B19,
B20, B21,
B22, C7, C8,
C9, C10,
C13, C14,
C15, C16,
C17 C18,
C19, C20,
C21, C22,
D5, D6, D8,
D11, D16,
D17, D19,
D21, D22,
E23, F4, G7,
G13, G14,
G15, G16,
G17, G19,
H8, H9, H10,
H11, H12,
H13, H14,
H15, H16,
H17, H18,
H19, H23,
J3, J4, J7,
J8, J9, J10,
J11, J12,
J13, J14,
J16, J17,
J19, J20, K4,
K7, K8, K9,
K10, K12,
K16, K17,
K19, K23,
L8, M8, M23,
N18, P2, P4,
P24, R23,
R24, R25,
R26, T25,
T26, U23,
V4, W12,
Y23
Table 2-3. Ball Characteristics (CUS Pkg.)
BALL
BALL TOP [2] PIN NAME [3] MODE [4]
TYPE [5]
BALL RESET BALL RESET RESET REL.
POWER [9]
HYS [10]
BUFFER
PULLUP
BOTTOM [1]
STATE [6]
REL. STATE
MODE [8]
STRENG TH
/DOWN TYPE
[7]
(mA) [11]
[12]
D7
sdrc_d0
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
C5
sdrc_d1
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
C6
sdrc_d2
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B5
sdrc_d3
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
D9
sdrc_d4
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
D10
sdrc_d5
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
C7
sdrc_d6
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B7
sdrc_d7
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B11
sdrc_d8
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
69
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More