전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OMAP3530ECBC72 데이터시트(PDF) 10 Page - Texas Instruments

부품명 OMAP3530ECBC72
상세설명  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBC72 데이터시트(HTML) 10 Page - Texas Instruments

Back Button OMAP3530ECBC72 Datasheet HTML 6Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 7Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 8Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 9Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 10Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 11Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 12Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 13Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 265 page
background image
2
3
4
5
6
7
8
9
10
11
12
13
14 15 16
17
18
19
20
21
22
23
A
B
C
D
E
F
G
H
J
K
L
M
N
P
T
R
U
V
W
Y
AA
AB
AC
24
25
26
27
28
AD
AE
AF
AG
AH
1
030-001
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
2
TERMINAL DESCRIPTION
2.1
Terminal Assignment
Figure 2-1 through Figure 2-5 show the ball locations for the 515- and 423- ball plastic ball grid array (s-
PBGA) packages. through Table 2-25 indicate the signal names and ball grid numbers for both packages.
Note: There are no balls present on the top of the 423-ball s-PBGA package.
Figure 2-1. OMAP3530/25 Applications Processor CBB s-PBGA-N515 Package (Bottom View)
10
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More