전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OMAP3530ECUSA 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 OMAP3530ECUSA
상세설명  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECUSA 데이터시트(HTML) 3 Page - Texas Instruments

  OMAP3530ECUSA Datasheet HTML 1Page - Texas Instruments OMAP3530ECUSA Datasheet HTML 2Page - Texas Instruments OMAP3530ECUSA Datasheet HTML 3Page - Texas Instruments OMAP3530ECUSA Datasheet HTML 4Page - Texas Instruments OMAP3530ECUSA Datasheet HTML 5Page - Texas Instruments OMAP3530ECUSA Datasheet HTML 6Page - Texas Instruments OMAP3530ECUSA Datasheet HTML 7Page - Texas Instruments OMAP3530ECUSA Datasheet HTML 8Page - Texas Instruments OMAP3530ECUSA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
• 65-nm CMOS Technologies
.65-mm Ball Pitch (Top), .5-mm Ball Pitch
(Bottom)
• Package-On-Package (POP) Implementation for
Memory Stacking (Not Available in CUS
– 423-pin s-PBGA Package (CUS Suffix),
Package)
.65-mm Ball Pitch
• Discrete Memory Interface (Not Available in
• 1.8-V I/O and 3.0-V (MMC1 Only),
CBC Package)
0.985-V to 1.35-V Adaptive Processor Core
Voltage
• Packages:
0.985-V to 1.35-V Adaptive Core Logic Voltage
– 515-pin s-PBGA Package (CBB Suffix),
Note: These are default Operating Performance
.5-mm Ball Pitch (Top), .4-mm Ball Pitch
Point (OPP) voltages and could be optimized to
(Bottom)
lower values using SmartReflex AVS.
– 515-pin s-PBGA Package (CBC Suffix),
1.2
Applications
•
Portable Navigation Devices
•
Portable Media Player
•
Digital Video Camera
•
Portable Data Collection
•
Point-of-Sale Devices
•
Gaming
•
Web Tablet
•
Smart White Goods
•
Smart Home Controllers
Copyright © 2008–2013, Texas Instruments Incorporated
OMAP3530 and OMAP3525 Applications Processors
3
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More